Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 202 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 198Page - STMicroelectronics SPSB100 Datasheet HTML 199Page - STMicroelectronics SPSB100 Datasheet HTML 200Page - STMicroelectronics SPSB100 Datasheet HTML 201Page - STMicroelectronics SPSB100 Datasheet HTML 202Page - STMicroelectronics SPSB100 Datasheet HTML 203Page - STMicroelectronics SPSB100 Datasheet HTML 204Page - STMicroelectronics SPSB100 Datasheet HTML 205Page - STMicroelectronics SPSB100 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 213 page
background image
3.8.2
USER-NVM emulation ................................................... 37
3.8.3
USER-NVM programming procedure ........................................ 38
3.8.4
Loading USER-NVM data in RAM image ..................................... 38
3.9
Wake-up inputs: IGN and WU ................................................... 38
3.10
Configurable time-out window watchdog .......................................... 39
3.11
FIN1 input.................................................................... 40
3.11.1
Static protocol .......................................................... 40
3.11.2
Dynamic protocol ....................................................... 40
3.11.3
Reaction on error ....................................................... 41
3.12
High-side output OUT_HS ...................................................... 41
3.13
Fail-safe output - NFSO1 ....................................................... 41
3.14
Interrupt - IRQ ................................................................ 43
3.15
Reset output - NRST .......................................................... 47
3.16
10-bit ADC ................................................................... 47
3.17
SW-Debug mode.............................................................. 47
3.18
VREG ....................................................................... 48
4
Protection, diagnosis and monitoring signals .....................................49
4.1
Supply monitoring ............................................................. 49
4.1.1
VS pin ................................................................ 49
4.1.2
FBB pin ............................................................... 49
4.1.3
VIO pin ............................................................... 49
4.2
Regulators output voltage protection ............................................. 49
4.3
Boost and bypass Vds monitoring ................................................ 49
4.4
Boost activity monitoring ....................................................... 50
4.5
WU and IGN monitoring ........................................................ 50
4.6
Ground pin monitoring ......................................................... 50
4.7
Temperature monitoring ........................................................ 50
4.8
HW low-level monitors ......................................................... 52
4.9
Communication interface ....................................................... 52
4.10
IRQ pin monitoring ............................................................ 53
4.11
NRST pin monitoring .......................................................... 53
4.12
NFSO1 pin monitoring ......................................................... 53
4.13
Watchdog block monitoring ..................................................... 53
4.14
FCCU block monitoring ........................................................ 54
4.15
Analog BIST.................................................................. 54
4.16
Logic BIST ................................................................... 54
SPSB100
Contents
DS14640 - Rev 2
page 202/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com