Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 198 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 194Page - STMicroelectronics SPSB100 Datasheet HTML 195Page - STMicroelectronics SPSB100 Datasheet HTML 196Page - STMicroelectronics SPSB100 Datasheet HTML 197Page - STMicroelectronics SPSB100 Datasheet HTML 198Page - STMicroelectronics SPSB100 Datasheet HTML 199Page - STMicroelectronics SPSB100 Datasheet HTML 200Page - STMicroelectronics SPSB100 Datasheet HTML 201Page - STMicroelectronics SPSB100 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 213 page
background image
11
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
11.1
VFQFN56+4L (8x8x0.9 mm exp. pad down) package information
Figure 77. VFQFN56+4L (8x8x0.9 mm exp. pad down) package outline
D2
L
C
seating plane
D
aaa C
2X
A
B
eee C
NX
ccc C
e2
e1
fff
C A B
1
2
N N-1
NX K
Z
Z
INDEX AREA
(D/2 x E/2)
(DATUM A)
(DATUM B)
leads A
leads B
leads D
leads C
pin 1
indicator
L1
LD
R 0.
05
LA
LB
Section Z-Z
lead D
lead A
lead B
bC
lead C
R 0.
125
bbb
C A B
ddd
C
bbb
C A B
ddd
C
bbb
C A B
ddd
C
SPSB100
Package information
DS14640 - Rev 2
page 198/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com