Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 194 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 190Page - STMicroelectronics SPSB100 Datasheet HTML 191Page - STMicroelectronics SPSB100 Datasheet HTML 192Page - STMicroelectronics SPSB100 Datasheet HTML 193Page - STMicroelectronics SPSB100 Datasheet HTML 194Page - STMicroelectronics SPSB100 Datasheet HTML 195Page - STMicroelectronics SPSB100 Datasheet HTML 196Page - STMicroelectronics SPSB100 Datasheet HTML 197Page - STMicroelectronics SPSB100 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 213 page
background image
10
PCB layout recommendation
In designing devices embedding high frequency switching converters, PCB layout is very important because it
affects noise pickup and can cause a good design to perform with results that are under the expectations.
Usually, the connections for the power components should be on the top layer with wide, copper-filled areas or
shapes. Moreover, it is desirable to make proper use of power planes and polygons for power distribution and
heat dissipation.
Output capacitors, inductors and the SPSB100 itself should be as close to each other as possible. This helps to
reduce the EMI radiated by the Powertraces due to the high switching currents through them and avoid inserting
any other additional components necessary to put in place a suitable filtering action.
Place the input capacitors directly at the VIN12 and VIN3 pins of SPSB100. The feedback parts of the system
should be kept away from the inductors and other noise sources.
The critical bypass components such as capacitors for VINx and VREG should be close to their respective pins. It
is important to place the feedback components including feedback resistors and compensation components close
to FBx and COMPx pins.
In a multilayer PCB, use at least one layer as a power ground plane, cause it is not always necessary to have a
dedicated signal ground plane. In any case, it is a good practice to have sensitive analog signals referenced to a
quiet ground location, to avoid any interferences with the high current loop. The QFN is a thermally enhanced
package. To effectively remove heat from the device the exposed pad should be connected to the ground plane
using via holes. Figures below illustrate the implementation of the layout guidelines outlined above, on the 4-layer
demo board.
As shown in the PCB layout:
•
Allow enough copper for VIN, GND and PHx
•
All bypass capacitors are placed as close as possible to their connecting pins
•
Components for loop compensation are placed as close as possible to the COMP pin
•
SGND as well as GND are connected to the inner PGND plane through via holes
•
PHx nodes copper should only be routed on the top layer to minimize switching noises
•
FBx trace routing is kept away from the software node
•
Thermal via holes are placed on VINx and PGND pads to improve thermal dissipation
Figure 72. Assembly top
SPSB100
PCB layout recommendation
DS14640 - Rev 2
page 194/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com