Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 196 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 192Page - STMicroelectronics SPSB100 Datasheet HTML 193Page - STMicroelectronics SPSB100 Datasheet HTML 194Page - STMicroelectronics SPSB100 Datasheet HTML 195Page - STMicroelectronics SPSB100 Datasheet HTML 196Page - STMicroelectronics SPSB100 Datasheet HTML 197Page - STMicroelectronics SPSB100 Datasheet HTML 198Page - STMicroelectronics SPSB100 Datasheet HTML 199Page - STMicroelectronics SPSB100 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 213 page
background image
Figure 75. Assembly bottom
10.1
PCB metal and component placement
Evaluation has shown that the best overall performance is achieved using the substrate/PCB layout. QFN devices
should be placed to an accuracy of 0.050 mm on both X and Y axes. Self-centering behavior is highly dependent
on solders and processes, and experiments should be run to confirm the limits of self-centering on specific
processes.
10.2
Solder mask
We recommend that larger power or land area pads are solder mask defined (SMD). This allows the underlying
copper traces to be as large as possible, which helps in terms of current carrying capability and device cooling
capability. When using SMD pads, the underlying copper traces should be at least 0.05 mm larger (on each edge)
than the openings in the solder mask. This allows for layers to be misaligned by up to 0.1 mm on both axes.
Ensure that the solder resists in-between the smaller signal lead areas is at least 0.15 mm wide, due to the high
x/y aspect ratio of the solder mask strip.
SPSB100
PCB layout recommendation
DS14640 - Rev 2
page 196/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com