Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 22 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 22 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 18Page - Texas Instruments DP83867CS Datasheet HTML 19Page - Texas Instruments DP83867CS Datasheet HTML 20Page - Texas Instruments DP83867CS Datasheet HTML 21Page - Texas Instruments DP83867CS Datasheet HTML 22Page - Texas Instruments DP83867CS Datasheet HTML 23Page - Texas Instruments DP83867CS Datasheet HTML 24Page - Texas Instruments DP83867CS Datasheet HTML 25Page - Texas Instruments DP83867CS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
Figure 7-2. IEEE 1588 Message Timestamp Point
The SFD pulse output can be configured using the GPIO Mux Control registers, GPIO_MUX_CTRL1 (register
address 0x0171) and GPIO_MUX_CTRL2 (register address 0x0172). The ENHANCED_MAC_SUPPORT bit in
RXCFG (register address 0x0134) must also be set to allow output of the SFD.
For more information about configuring the DP83867's SFD feature, see the How to Configure DP83867 Start of
Frame application report (SNLA242).
7.3.2.1 SFD Latency Variation and Determinism
Time stamping packet transmission and reception using the RX_CTRL and TX_CTRL signals of RGMII is not
accurate enough for latency sensitive protocols. SFD pulses offers system designers a method to improve the
accuracy of packet time stamping. The SFD pulse, while varying less than RGMII signals inherently, still exhibits
latency variation due to the defined architecture of 1000BASE-T. This section provides a method to determine
when an SFD latency variation has occurred and how to compensate for the variation in system software to
improve timestamp accuracy.
In the following section the terms baseline latency and SFD variation are used. Baseline latency is the time
measured between the TX_SFD pulse to the RX_SFD pulse of a connected link partner, assuming an Ethernet
cable with all 4 pairs is matched in propagation time. In the scenario where all 4 pairs being are matched, a
1000BASE-T PHY won't have to align the 4 received symbols on the wire and won't introduce extra latency due
to alignment.
TX SFD
RX SFD
Baseline Latency
SFD Variation
Figure 7-3. Baseline Latency and SFD Variation in Latency Measurement
SFD variation is additional time added to the baseline latency before the RX_SFD pulse when the PHY must
introduce latency to align the 4 symbols from the Ethernet cable. Variation can occur when a new link is
established either by cable connection, auto-negotiation restart, PHY reset, or other external system effects.
During a single, uninterrupted link, the SFD variation remains constant.
The DP83867 can limit and report the variation applied to the SFD pulse while in the 1000Mb operating mode.
Before a link is established in 1000Mb mode, the Sync FIFO Control Register (register address 0x00E9) must be
set to value 0xDF22. The below SFD variation compensation method can only be applied after the Sync FIFO
Control Register has been initialized and a new link has been established. An acceptable methodology is to set
the Sync FIFO Control register value and then perform a software restart by setting the SW_RESTART bit[14] in
the Control Register (register address 0x001F) if a link is already present.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com