Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 37 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 37 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 33Page - Texas Instruments DP83867CS Datasheet HTML 34Page - Texas Instruments DP83867CS Datasheet HTML 35Page - Texas Instruments DP83867CS Datasheet HTML 36Page - Texas Instruments DP83867CS Datasheet HTML 37Page - Texas Instruments DP83867CS Datasheet HTML 38Page - Texas Instruments DP83867CS Datasheet HTML 39Page - Texas Instruments DP83867CS Datasheet HTML 40Page - Texas Instruments DP83867CS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 129 page
background image
MDI MODE
MIRROR PORT CONFIGURATION
MDI or MDIX
A → D
B → C
C → B
D → A
Mirror mode can be enabled through strap or through register configuration using the Port Mirror Enable bit in
the CFG4 register (address 0x0031). In Mirror mode, the polarity of the signals is also reversed.
7.4.6.6 Interrupt
The DP83867 can be configured to generate an interrupt when changes of internal status occur. The interrupt
allows a MAC to act upon the status in the PHY without polling the PHY registers. The interrupt source can be
selected through the interrupt registers, MICR (register address 0x0012) and ISR (register address 0x0013).
7.4.6.7 IEEE 802.3 Test Modes
IEEE 802.3 specification for 1000BASE-T requires that the PHY layer be able to generate certain well defined
test patterns on TX outputs. Clause 40 section 40.6.1.1.2 Test Modes describes these tests in detail. There are
four test modes as well as the normal operation mode. These modes can be selected by writing to the CFG1
register (address 0x0009).
See IEEE 802.3 section 40.6.1.1.2 Test modes for more information on the nature of the test modes. The
DP83867 provides a test clock synchronous to the IEEE test patterns. The test patterns are output on the MDI
pins of the device and the transmit clock is output on the CLK_OUT pin.
For more information about configuring the DP83867 for IEEE 802.3 compliance testing, see the How to
Configure DP838XX for Ethernet Compliance Testing application report (SNLS239).
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com