Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 98 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 98 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 94Page - Texas Instruments DP83867CS Datasheet HTML 95Page - Texas Instruments DP83867CS Datasheet HTML 96Page - Texas Instruments DP83867CS Datasheet HTML 97Page - Texas Instruments DP83867CS Datasheet HTML 98Page - Texas Instruments DP83867CS Datasheet HTML 99Page - Texas Instruments DP83867CS Datasheet HTML 100Page - Texas Instruments DP83867CS Datasheet HTML 101Page - Texas Instruments DP83867CS Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 129 page
background image
Table 7-119. TDR Peak Locations Register 3 (TDR_PEAKS_LOC_3), Address 0x0192 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
7:0
TDR_PEAKS_LOC_A_4
0, RO
Location of the fifth peak discovered by the TDR mechanism on
channel A. The value of these bits is translated into distance from the
PHY.
7.6.110 TDR Peak Locations Register 4 (TDR_PEAKS_LOC_4)
Table 7-120. TDR Peak Locations Register 4 (TDR_PEAKS_LOC_4), Address 0x0193
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_B_2
0, RO
Location of the third peak discovered by the TDR mechanism on
channel B. The value of these bits is translated into distance from the
PHY.
7:0
TDR_PEAKS_LOC_B_1
0, RO
Location of the second peak discovered by the TDR mechanism on
channel B. The value of these bits is translated into distance from the
PHY.
7.6.111 TDR Peak Locations Register 5 (TDR_PEAKS_LOC_5)
Table 7-121. TDR Peak Locations Register 5 (TDR_PEAKS_LOC_5), Address 0x0194
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_B_4
0, RO
Location of the fifth peak discovered by the TDR mechanism on
channel B. The value of these bits is translated into distance from the
PHY.
7:0
TDR_PEAKS_LOC_B_3
0, RO
Location of the fourth peak discovered by the TDR mechanism on
channel B. The value of these bits is translated into distance from the
PHY.
7.6.112 TDR Peak Locations Register 6 (TDR_PEAKS_LOC_6)
Table 7-122. TDR Peak Locations Register 6 (TDR_PEAKS_LOC_6), Address 0x0195
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_C_1
0, RO
Location of the second peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into distance from
the PHY.
7:0
TDR_PEAKS_LOC_C_0
0, RO
Location of the first peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into distance from
the PHY.
7.6.113 TDR Peak Locations Register 7 (TDR_PEAKS_LOC_7)
Table 7-123. TDR Peak Locations Register 7 (TDR_PEAKS_LOC_7), Address 0x0196
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_C_3
0, RO
Location of the fourth peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into distance from
the PHY.
7:0
TDR_PEAKS_LOC_C_2
0, RO
Location of the third peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into distance from
the PHY.
7.6.114 TDR Peak Locations Register 8 (TDR_PEAKS_LOC_8)
Table 7-124. TDR Peak Locations Register 8 (TDR_PEAKS_LOC_8), Address 0x0197
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_D_0
0, RO
Location of the first peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into distance from
the PHY.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
98
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com