Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 102 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 102 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 98Page - Texas Instruments DP83867CS Datasheet HTML 99Page - Texas Instruments DP83867CS Datasheet HTML 100Page - Texas Instruments DP83867CS Datasheet HTML 101Page - Texas Instruments DP83867CS Datasheet HTML 102Page - Texas Instruments DP83867CS Datasheet HTML 103Page - Texas Instruments DP83867CS Datasheet HTML 104Page - Texas Instruments DP83867CS Datasheet HTML 105Page - Texas Instruments DP83867CS Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 129 page
background image
Table 7-137. TDR General Status (TDR_GEN_STATUS), Address 0x01A4 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
11
TDR_P_LOC_CROSS_MODE_D 0, RO
Cross Detect on Channel D:
1 = Cross reflection detected on channel D. Indicates a short
between channels.
0 = No cross reflection detected.
10
TDR_P_LOC_CROSS_MODE_C 0, RO
Cross Detect on Channel C:
1 = Cross reflection detected on channel C. Indicates a short
between channels.
0 = No cross reflection detected.
9
TDR_P_LOC_CROSS_MODE_B 0, RO
Cross Detect on Channel B:
1 = Cross reflection detected on channel B. Indicates a short
between channels.
0 = No cross reflection detected.
8
TDR_P_LOC_CROSS_MODE_A 0, RO
Cross Detect on Channel A:
1 = Cross reflection detected on channel A. Indicates a short
between channels.
0 = No cross reflection detected.
7
TDR_P_LOC_OVERFLOW_D
0, RO
Peak Overflow on Channel D:
1 = More than 5 reflections were detected on channel D.
0 = Normal operation.
6
TDR_P_LOC_OVERFLOW_C
0, RO
Peak Overflow on Channel C:
1 = More than 5 reflections were detected on channel C.
0 = Normal operation.
5
TDR_P_LOC_OVERFLOW_B
0, RO
Peak Overflow on Channel B:
1 = More than 5 reflections were detected on channel B.
0 = Normal operation.
4
TDR_P_LOC_OVERFLOW_A
0, RO
Peak Overflow on Channel A:
1 = More than 5 reflections were detected on channel A.
0 = Normal operation.
3:0
RESERVED
0, RO
RESERVED
7.6.128 TDR Peak Sign AB (TDR_PEAK_SIGN_A_B)
Table 7-138. TDR Peak Sign AB (TDR_PEAKS_SIGN_A_B), Address 0x01A5
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
RESERVED
0, RO
RESERVED
9
TDR_PEAKS_SIGN_B_4
0, RO
found peaks sign 4 in channel B
8
TDR_PEAKS_SIGN_B_3
0, RO
found peaks sign 3 in channel B
7
TDR_PEAKS_SIGN_B_2
0, RO
found peaks sign 2 in channel B
6
TDR_PEAKS_SIGN_B_1
0, RO
found peaks sign 1 in channel B
5
TDR_PEAKS_SIGN_B_0
0, RO
found peaks sign 0 in channel B
4
TDR_PEAKS_SIGN_A_4
0, RO
found peaks sign 4 in channel A
3
TDR_PEAKS_SIGN_A_3
0, RO
found peaks sign 3 in channel A
2
TDR_PEAKS_SIGN_A_2
0, RO
found peaks sign 2 in channel A
1
TDR_PEAKS_SIGN_A_1
0, RO
found peaks sign 1 in channel A
0
TDR_PEAKS_SIGN_A_0
0, RO
found peaks sign 0 in channel A
7.6.129 TDR Peak Sign CD (TDR_PEAK_SIGN_C_D)
Table 7-139. TDR Peak Sign CD (TDR_PEAKS_SIGN_C_D), Address 0x01A6
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
RESERVED
0, RO
RESERVED
9
TDR_PEAKS_SIGN_D_4
0, RO
found peaks sign 4 in channel D
8
TDR_PEAKS_SIGN_D_3
0, RO
found peaks sign 3 in channel D
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
102
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com