Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 93 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 93 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 89Page - Texas Instruments DP83867CS Datasheet HTML 90Page - Texas Instruments DP83867CS Datasheet HTML 91Page - Texas Instruments DP83867CS Datasheet HTML 92Page - Texas Instruments DP83867CS Datasheet HTML 93Page - Texas Instruments DP83867CS Datasheet HTML 94Page - Texas Instruments DP83867CS Datasheet HTML 95Page - Texas Instruments DP83867CS Datasheet HTML 96Page - Texas Instruments DP83867CS Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 129 page
background image
7.6.91 Receive Pattern Register 26 (RXFPAT26)
Table 7-101. Receive Pattern Register 26 (RXFPAT26), Address 0x0155
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_50_51
0, RW
Bytes 50 + 51 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.92 Receive Pattern Register 27 (RXFPAT27)
Table 7-102. Receive Pattern Register 27 (RXFPAT27), Address 0x0156
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_52_53
0, RW
Bytes 52 + 53 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.93 Receive Pattern Register 28 (RXFPAT28)
Table 7-103. Receive Pattern Register 28 (RXFPAT28), Address 0x0157
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_54_55
0, RW
Bytes 54 + 55 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.94 Receive Pattern Register 29 (RXFPAT29)
Table 7-104. Receive Pattern Register 29 (RXFPAT29), Address 0x0158
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_56_57
0, RW
Bytes 56 + 57 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.95 Receive Pattern Register 30 (RXFPAT30)
Table 7-105. Receive Pattern Register 30 (RXFPAT30), Address 0x0159
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_58_59
0, RW
Bytes 58 + 59 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.96 Receive Pattern Register 31 (RXFPAT31)
Table 7-106. Receive Pattern Register 31 (RXFPAT31), Address 0x015A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_0_1
0, RW
Bytes 60 + 61 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.97 Receive Pattern Register 32 (RXFPAT32)
Table 7-107. Receive Pattern Register 32 (RXFPAT32), Address 0x015B
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_62_63
0, RW
Bytes 62 + 63 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.98 Receive Pattern Byte Mask Register 1 (RXFPBM1)
Table 7-108. Receive Pattern Byte Mask Register 1 (RXFPBM1), Address 0x015C
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_ MASK_0_15 0, RW
Masks for bytes 0 to 15 of the pattern. A 1 indicates a mask for the
associated byte.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com