Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 47 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 47 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 43Page - Texas Instruments DP83867CS Datasheet HTML 44Page - Texas Instruments DP83867CS Datasheet HTML 45Page - Texas Instruments DP83867CS Datasheet HTML 46Page - Texas Instruments DP83867CS Datasheet HTML 47Page - Texas Instruments DP83867CS Datasheet HTML 48Page - Texas Instruments DP83867CS Datasheet HTML 49Page - Texas Instruments DP83867CS Datasheet HTML 50Page - Texas Instruments DP83867CS Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 129 page
background image
7.6.2 Basic Mode Status Register (BMSR)
Table 7-11. Basic Mode Status Register (BMSR), Address 0x0001
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
100BASE-T4
0, RO/P
100BASE-T4 Capable:
0 = Device not able to perform 100BASE-T4 mode.
14
100BASE-TX FULL DUPLEX
1, RO/P
100BASE-TX Full Duplex Capable:
1 = Device able to perform 100BASE-TX in full duplex mode.
13
100BASE-TX HALF DUPLEX
1, RO/P
100BASE-TX Half Duplex Capable:
1 = Device able to perform 100BASE-TX in half duplex mode.
12
10BASE-Te FULL DUPLEX
1, RO/P
10BASE-Te Full Duplex Capable:
1 = Device able to perform 10BASE-Te in full duplex mode.
11
10BASE-Te HALF DUPLEX
1, RO/P
10BASE-Te Half Duplex Capable:
1 = Device able to perform 10BASE-Te in half duplex mode.
10
100BASE-T2 FULL DUPLEX
0, RO/P
100BASE-T2 Full Duplex Capable:
0 = Device not able to perform 100BASE-T2 in full duplex mode.
9
100BASE-T2 HALF DUPLEX
0, RO/P
100BASE-T2 Half Duplex Capable:
0 = Device not able to perform 100BASE-T2 in half duplex mode.
8
EXTENDED STATUS
1, RO/P
1000BASE-T Extended Status Register:
1 = Device supports Extended Status Register 0x0F.
7
RESERVED
0, RO
RESERVED: Write as 0, read as 0.
6
MF PREAMBLE SUPPRESSION 1, RO/P
Preamble Suppression Capable:
1 = Device able to perform management transaction with preamble
suppressed, 32-bits of preamble needed only once after reset,
invalid opcode or invalid turnaround.
0 = Normal management operation.
The device requires minimum of 500ns gap between two
transactions, followed by one positive edge of MDC and MDIO=1,
before starting the next transaction.
5
AUTO-NEGOTIATION
COMPLETE
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation process complete.
0 = Auto-Negotiation process not complete.
4
REMOTE FAULT
0, RO/LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by reset).
Fault criteria: Far-End Fault Indication or notification from Link
Partner of Remote Fault.
0 = No remote fault condition detected.
3
AUTO-NEGOTIATION ABILITY
1, RO/P
Auto Negotiation Ability:
1 = Device is able to perform Auto-Negotiation.
0 = Device is not able to perform Auto-Negotiation.
2
LINK STATUS
0, RO/LL
Link Status:
1 = Valid link established.
0 = Link not established.
The criteria for link validity is implementation specific. The
occurrence of a link failure condition causes the Link Status bit to
clear. Once cleared, this bit can only be set by establishing a good
link condition and a read through the management interface.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com