Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 24 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 24 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 20Page - Texas Instruments DP83867CS Datasheet HTML 21Page - Texas Instruments DP83867CS Datasheet HTML 22Page - Texas Instruments DP83867CS Datasheet HTML 23Page - Texas Instruments DP83867CS Datasheet HTML 24Page - Texas Instruments DP83867CS Datasheet HTML 25Page - Texas Instruments DP83867CS Datasheet HTML 26Page - Texas Instruments DP83867CS Datasheet HTML 27Page - Texas Instruments DP83867CS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
7.4.1.1 Serial GMII (SGMII)
The Serial Gigabit Media Independent Interface (SGMII) provides a means of conveying network data and port
speed between a 100/1000 PHY and a MAC with significantly less signal pins (4 or 6 pins) than required for
GMII (24 pins) or RGMII (12 pins). The SGMII interface uses 1.25-Gbps LVDS differential signaling which has
the added benefit of reducing EMI emissions relative to GMII or RGMII.
Because the internal clock and data recovery circuitry (CDR) of DP83867 can detect the transmit timing of
the SGMII data, TX_CLK is not required. SGMII interface is capable of working as a 4-wire or 6-wire SGMII
interface. The default SGMII connection is through four wires. Two differential pairs are used for the transmit
and receive connections. Clock and data recovery are performed in the MAC and in the PHY, so no additional
differential pair is required for clocking. Alternately, if the MAC is not capable of recovering the clock from the
SGMII receive data, the DP83867 can be configured to provide the SGMII receive clock through a differential
pair.
The 1.25-Gbps rate of SGMII is excessive for 100Mbps operation. When operating in 100Mbps mode, the PHY
elongates the frame by replicating each frame byte 10 times. This frame elongation takes place above the IEEE
802.3 PCS layer, thus the start of frame delimiter only appears once per frame.
The SGMII interface includes Auto-Negotiation capability. Auto-Negotiation provides a mechanism for control
information to be exchanged between the PHY and the MAC. This allows the interface to be automatically
configured based on the media speed mode resolution on the MDI side. In MAC loopback mode, the SGMII
speed is determined by the MDI speed selection. The SGMII interface works in both Auto-Negotiation and forced
speed mode during the MAC loopback operation. SGMII Auto-Negotiation is the default mode of the operation.
The SGMII Auto-Negotiation process can be disabled and the SGMII speed mode can be forced to the MDI
resolved speed. The SGMII forced speed mode can be enabled with the MDI auto-negotiation or MDI manual
speed mode. SGMII Auto-Negotiation can be disabled through the SGMII_AUTONEG_EN register bit in the
CFG2 register (address 0x0014).
The 10M_SGMII_RATE_ADAPT bit (bit 7) does not need to be changed for 10M speed as the PHY
automatically adapts the rate of SGMII.
SGMII is enabled through a resistor strap option. See Section 7.5.1 for details.
All SGMII connections must be AC-coupled through an 0.1µF capacitor. PHY has inbuilt 100Ω differential
termination at receive and transmit pins of SGMII.
The connection diagrams for 4-wire SGMII and 6-wire SGMII are shown in Figure 7-4 and Figure 7-5.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com