Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 46 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 42Page - Texas Instruments DP83867CS Datasheet HTML 43Page - Texas Instruments DP83867CS Datasheet HTML 44Page - Texas Instruments DP83867CS Datasheet HTML 45Page - Texas Instruments DP83867CS Datasheet HTML 46Page - Texas Instruments DP83867CS Datasheet HTML 47Page - Texas Instruments DP83867CS Datasheet HTML 48Page - Texas Instruments DP83867CS Datasheet HTML 49Page - Texas Instruments DP83867CS Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
Table 7-10. Basic Mode Control Register (BMCR), Address 0x0000 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
10
ISOLATE
0, RW
Isolate:
1 = Isolates the Port from the MII with the exception of the serial
management.
0 = Normal operation.
9
RESTART AUTO-NEGOTIATION 0, RW/SC
Restart Auto-Negotiation:
1 = Restart Auto-Negotiation. Reinitiates the Auto-Negotiation
process. If Auto-Negotiation is disabled (bit 12 = 0), this bit is
ignored. This bit is self-clearing and returns a value of 1 until Auto-
Negotiation is initiated, whereupon the bit self-clears. Operation of
the Auto-Negotiation process is not affected by the management
entity clearing this bit.
0 = Normal operation.
8
DUPLEX MODE
Strap, RW
Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port
Duplex capability to be selected.
1 = Full Duplex operation.
0 = Half Duplex operation.
7
COLLISION TEST
0, RW
Collision Test:
1 = Collision test enabled.
0 = Normal operation.
When set, this bit causes the COL signal to be asserted in response
to the assertion of TX_EN within 512-bit times. The COL signal
deasserts within 4-bit times in response to the deassertion of
TX_EN.
6
SPEED SELECTION MSB
1, RW
Speed Select: See description for bit 13.
5:0
RESERVED
0 0000, RO
RESERVED: Write ignored, read as 0.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com