Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 83 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 83 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 79Page - Texas Instruments DP83867CS Datasheet HTML 80Page - Texas Instruments DP83867CS Datasheet HTML 81Page - Texas Instruments DP83867CS Datasheet HTML 82Page - Texas Instruments DP83867CS Datasheet HTML 83Page - Texas Instruments DP83867CS Datasheet HTML 84Page - Texas Instruments DP83867CS Datasheet HTML 85Page - Texas Instruments DP83867CS Datasheet HTML 86Page - Texas Instruments DP83867CS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 129 page
background image
7.6.45 RGMII Delay Control Register (RGMIIDCTL)
This register provides access to the RGMII delay controls.
Table 7-55. RGMII Delay Control Register (RGMIIDCTL), Address 0x0086
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7:4
RGMII_TX_DELAY_CTRL
Strap, RW
RGMII Transmit Clock Delay:
1111: 4.00ns
1110: 3.75ns
1101: 3.50ns
1100: 3.25ns
1011: 3.00ns
1010: 2.75ns
1001: 2.50ns
1000: 2.25ns
0111: 2.00ns
0110: 1.75ns
0101: 1.50ns
0100: 1.25ns
0011: 1.00ns
0010: 0.75ns
0001: 0.50ns
0000: 0.25ns
3:0
RGMII_RX_DELAY_CTRL
Strap, RW
RGMII Receive Clock Delay:
1111: 4.00ns
1110: 3.75ns
1101: 3.50ns
1100: 3.25ns
1011: 3.00ns
1010: 2.75ns
1001: 2.50ns
1000: 2.25ns
0111: 2.00ns
0110: 1.75ns
0101: 1.50ns
0100: 1.25ns
0011: 1.00ns
0010: 0.75ns
0001: 0.50ns
0000: 0.25ns
7.6.46 ANA_LD_TXG_FINE_GAINSEL_AB (ALTFGAB)
Table 7-56. ANA_LD_TXG_FINE_GAINSEL_AB (ALTFGAB), Address 0x00A0
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
Reserved
0000,RO
RESERVED
11:8
TXG_GAINSEL_FINE_B
trim,RW
Gain control channel B.
For details, see bits [3:0]
7:4
Reserved
0000,RO
RESERVED
3:0
TXG_GAINSEL_FINE_A
trim,RW
Gain control channel A.
Default value is set by trim.
Possible values:
x0000 = -16% change in gain
x0001 = -14% change in gain
x1000 = No change in gain
x1001 = +2% change in gain
x1111 = +14% change in gain
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com