Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 94 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 94 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 90Page - Texas Instruments DP83867CS Datasheet HTML 91Page - Texas Instruments DP83867CS Datasheet HTML 92Page - Texas Instruments DP83867CS Datasheet HTML 93Page - Texas Instruments DP83867CS Datasheet HTML 94Page - Texas Instruments DP83867CS Datasheet HTML 95Page - Texas Instruments DP83867CS Datasheet HTML 96Page - Texas Instruments DP83867CS Datasheet HTML 97Page - Texas Instruments DP83867CS Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
7.6.99 Receive Pattern Byte Mask Register 2 (RXFPBM2)
Table 7-109. Receive Pattern Byte Mask Register 2 (RXFPBM2), Address 0x015D
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_
MASK_16_31
0, RW
Masks for bytes 16 to 31 of the pattern. A 1 indicates a mask for the
associated byte.
7.6.100 Receive Pattern Byte Mask Register 3 (RXFPBM3)
Table 7-110. Receive Pattern Byte Mask Register 3 (RXFPBM3), Address 0x015E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_
MASK_32_47
0, RW
Masks for bytes 32 to 47 of the pattern. A 1 indicates a mask for the
associated byte.
7.6.101 Receive Pattern Byte Mask Register 4 (RXFPBM4)
Table 7-111. Receive Pattern Byte Mask Register 4 (RXFPBM4), Address 0x015F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_
MASK_48_63
0, RW
Masks for bytes 48 to 63 of the pattern. A 1 indicates a mask for the
associated byte.
7.6.102 Receive Pattern Control (RXFPATC)
Table 7-112. Receive Status Register (RXFSTS), Address 0x0161
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:6
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
5:0
PATTERN_START_POINT
0, RW
Number of bytes after SFD where comparison of the RX packet to
the configured pattern begins:
111111 - Start compare in the 64th byte after SFD
000000 - Start compare in the 1st byte after SFD
7.6.103 10M SGMII Configuration (10M_SGMII_CFG)
Table 7-113. 10M SGMII Configuration (10M_SGMII_CFG), Address 0x016F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0000 0000, RO RESERVED
7
10M_SGMII_RATE_ADAPT
1, RW
RESERVED - Do not change this bit. The PHY adapts automatically
to 10M speed.
6:0
RESERVED
001 0101, RO
RESERVED
7.6.104 I/O Configuration (IO_MUX_CFG)
Table 7-114. I/O Configuration (IO_MUX_CFG), Address 0x0170
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
0, RO
RESERVED
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
94
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com