Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 64 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 64 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 60Page - Texas Instruments DP83867CS Datasheet HTML 61Page - Texas Instruments DP83867CS Datasheet HTML 62Page - Texas Instruments DP83867CS Datasheet HTML 63Page - Texas Instruments DP83867CS Datasheet HTML 64Page - Texas Instruments DP83867CS Datasheet HTML 65Page - Texas Instruments DP83867CS Datasheet HTML 66Page - Texas Instruments DP83867CS Datasheet HTML 67Page - Texas Instruments DP83867CS Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
Table 7-27. Interrupt Status Register (ISR), Address 0x0013 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
5
SPEED_OPT_EVENT_INT
0, RO, LH, COR Speed Optimization Event Interrupt:
1 = Speed Optimization Event Interrupt is pending and is cleared by
the current read.
0 = No Speed Optimization Event Interrupt is pending.
4
SLEEP_MODE_CHNG_INT
0, RO, LH, COR Sleep Mode Change Interrupt:
1 = Sleep Mode Change Interrupt is pending and is cleared by the
current read.
0 = No Sleep Mode Change Interrupt is pending.
3
WOL_INT
0, RO, LH, COR Wake-on-LAN Interrupt:
1 = Wake-on-LAN Interrupt is pending.
0 = No Wake-on-LAN Interrupt is pending.
2
XGMII_ERR_INT 1
0, RO, LH, COR xGMII Error Interrupt:
1 = xGMII Error Interrupt is pending and is cleared by the current
read.
0 = No xGMII Error Interrupt is pending.
1
POLARITY_CHNG_INT
0, RO, LH, COR Polarity Change Interrupt:
1 = Polarity Change interrupt is pending and is cleared by the current
read.
0 = No Polarity Change interrupt is pending.
0
JABBER_INT
0, RO, LH, COR Jabber Interrupt:
1 = Jabber interrupt is pending and is cleared by the current read.
0 = No Jabber interrupt is pending.
1 xGMII: RGMII or SGMII
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
64
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com