Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 58 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 58 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 54Page - Texas Instruments DP83867CS Datasheet HTML 55Page - Texas Instruments DP83867CS Datasheet HTML 56Page - Texas Instruments DP83867CS Datasheet HTML 57Page - Texas Instruments DP83867CS Datasheet HTML 58Page - Texas Instruments DP83867CS Datasheet HTML 59Page - Texas Instruments DP83867CS Datasheet HTML 60Page - Texas Instruments DP83867CS Datasheet HTML 61Page - Texas Instruments DP83867CS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
7.6.14 PHY Control Register (PHYCR)
Table 7-24. PHY Control Register (PHYCR), Address 0x0010
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:14
TX FIFO Depth
1, RW
TX FIFO Depth:
11 = 8 bytes/nibbles (1000Mbps/Other Speeds)
10 = 6 bytes/nibbles (1000Mbps/Other Speeds)
01 = 4 bytes/nibbles (1000Mbps/Other Speeds)
00 = 3 bytes/nibbles (1000Mbps/Other Speeds)
Note: FIFO is enabled only in the following modes:
1000BaseT + GMII
10BaseT/100BaseTX/1000BaseT + SGMII
13:12
RX FIFO Depth
1, RW
RX FIFO Depth:
11 = 8 bytes/nibbles (1000Mbps/Other Speeds)
10 = 6 bytes/nibbles (1000Mbps/Other Speeds)
01 = 4 bytes/nibbles (1000Mbps/Other Speeds)
00 = 3 bytes/nibbles (1000Mbps/Other Speeds)
Note: FIFO is enabled only in SGMII
11
SGMII_EN
Strap, RW
SGMII Enable:
1 = Enable SGMII
0 = Disable SGMII
10
FORCE_LINK_GOOD
0, RW
Force Link Good:
1 = Force link good according to the selected speed.
0 = Normal operation
9:8
POWER_SAVE_MODE
0, RW
Power-Saving Modes:
11 = Passive Sleep mode: Power down all digital and analog blocks.
10 =Active Sleep mode: Power down all digital and analog blocks.
Automatic power-up is performed when link partner is detected. Link
pulses are transmitted approximately once per 1.4 Sec in this mode
to wake up any potential link partner.
01 = IEEE mode: power down all digital and analog blocks.
Note: If DISABLE_CLK_125 (bit [4]of this register) is set to zero, the
PLL is also powered down.
00 = Normal mode
7
DEEP_POWER_DOWN_EN
0, RW
Deep power-down mode enable
1 = When power down is initiated through assertion of the external
power-down pin or through the POWER_DOWN bit in the BMCR, the
device enters a deep power-down mode.
0 = Normal operation.
6:5
MDI_CROSSOVER
RGZ: 10, RW
MDI Crosssover Mode:
1x = Enable automatic crossover
01 = Manual MDI-X configuration
00 = Manual MDI configuration
PAP: Strap, RW
4
DISABLE_CLK_125
0, RW
Disable 125MHz Clock:
This bit can be used in conjunction with POWER_SAVE_MODE (bits
9:8 of this register).
1 = Disable CLK125.
0 = Enable CLK125.
3
RESERVED
1, RO
RESERVED: Writes ignored, read as 1.
2
STANDBY_MODE
0, RW
Standby Mode:
1 = Enable standby mode. Digital and analog circuitry are powered
up, but no link can be established.
0 = Normal operation.
1
LINE_DRIVER_INV_EN
0, RW
Line Driver Inversion Enable:
1 = Invert Line Driver Transmission.
0 = Normal operation.
0
DISABLE_JABBER
0, RW
Disable Jabber
1 = Disable Jabber function.
0 = Enable Jabber function.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
58
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com