Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 67 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 67 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 63Page - Texas Instruments DP83867CS Datasheet HTML 64Page - Texas Instruments DP83867CS Datasheet HTML 65Page - Texas Instruments DP83867CS Datasheet HTML 66Page - Texas Instruments DP83867CS Datasheet HTML 67Page - Texas Instruments DP83867CS Datasheet HTML 68Page - Texas Instruments DP83867CS Datasheet HTML 69Page - Texas Instruments DP83867CS Datasheet HTML 70Page - Texas Instruments DP83867CS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 129 page
background image
Table 7-30. BIST Control Register (BISCR), Address 0x0016 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
1:0
PCS_LOOPBACK
0, RW
PCS Loopback Select:
When configured for 100Base-TX:
11: Loop after MLT3 encoder (full TX/RX path)
10: Loop after scrambler, before MLT3 encoder
01: Loop before scrambler
When configured for 1000Base-T:
x1: Loop before 1000Base-T signal processing.
7.6.21 Status Register 2 (STS2)
Table 7-31. Status Register 2 (STS2), Address 0x0017
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
11
PRBS_LOCK
0, RO
PRBS Lock Status:
1 = PRBS checker is locked to the received byte stream.
0 = PRBS checker is not locked.
10
PRBS_LOCK_LOST
0, RO, LH, COR PRBS Lock Lost:
1 = PRBS checker has lost lock.
0 = PRBS checker has not lost lock.
9
PKT_GEN_BUSY
0, RO
Packet Generator Busy:
1 = Packet generation is in process.
0 = Packet generation is not in process.
8
SCR_MODE_MASTER_1G
0, RO
Gigabit Master Scramble Mode:
1 = 1G PCS (master) is in legacy encoding mode.
0 = 1G PCS (master) is in normal encoding mode..
7
SCR_MODE_MASTER_1G
0, RO
Gigabit Slave Scramble Mode:
1 = 1G PCS (slave) is in legacy encoding mode.
0 = 1G PCS (slave) is in normal encoding mode..
6
CORE_PWR_MODE
0, RO
Core Power Mode:
1 = Core is in normal power mode.
0 = Core is power-down mode or in sleep mode.
5:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com