Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 76 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 76 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 72Page - Texas Instruments DP83867CS Datasheet HTML 73Page - Texas Instruments DP83867CS Datasheet HTML 74Page - Texas Instruments DP83867CS Datasheet HTML 75Page - Texas Instruments DP83867CS Datasheet HTML 76Page - Texas Instruments DP83867CS Datasheet HTML 77Page - Texas Instruments DP83867CS Datasheet HTML 78Page - Texas Instruments DP83867CS Datasheet HTML 79Page - Texas Instruments DP83867CS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 129 page
background image
7.6.30 Fast Link Drop Threshold Configuration Register (FLD_THR_CFG)
Table 7-40. Fast Link Drop Threshold Configuration Register (FLD_THR_CFG), Address 0x002E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:11
RESERVED
0, RO
RESERVED
10:8
RESERVED
0x2, RW
RESERVED
7
RESERVED
0, RO
RESERVED
6:4
RESERVED
0x2, RW
RESERVED
3
RESERVED
0, RO
RESERVED
2:0
ENERGY_LOST_FLD_THR
0x1, RW
Energy Lost Threshold for FLD Energy Lost Mode
ENERGY_LOST_FLD_THR asserts if energy detector accumulator
falls below this threshold. When using strap to enable FLD feature,
this bit defaults to 0x2. Register write is needed to change the value
to 0x1. Changing the field to other value is not advised.
7.6.31 Configuration Register 4 (CFG4)
Table 7-41. Configuration Register 4 (CFG4), Address 0x0031
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
000, RO
RESERVED
12
RESERVED
1, RO
RESERVED
11:9
RESERVED
000, RO
RESERVED
8
RESERVED
0, RW
RESERVED
7
INT_TST_MODE_1
Strap, RW
Reserved; 0: Normal Operation.
If RX_CTRL is strapped to mode1/mode2 then PHY goes to internal
test mode. Reg x6F[8] = 0 also indicates the test mode entry request
from RX_CTRL's strap . To overrule this test mode entry through
strap mode, INT_TST_MODE_1bit can be set to 0.
1: Internal Test Mode 1, this bit must be cleared
0: Normal Operation
6:5
SGMII_AUTONEG_TIMER
01, RW
SGMII Auto-Negotiation Timer Duration:
11: 11ms
10: 800µs
01: 2µs
00: 16ms
4:1
RESERVED
1000, RO
RESERVED: Writes ignored, read as 1000.
0
PORT_MIRROR_EN
Strap, RW
Port Mirror Enable:
1 = Enable port mirroring.
0 = Normal operation
7.6.32 RGMII Control Register (RGMIICTL)
This register provides access to the RGMII controls.
Table 7-42. RGMII Control Register (RGMIICTL), Address 0x0032
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7
RGMII_EN
RGZ: 1, RW
RGMII Enable:
1 = Enable RGMII interface.
0 = Disable RGMII interface.
PAP: Strap, RW
6:5
RGMII_RX_HALF_FULL_THR
10, RW
RGMII Receive FIFO Half Full Threshold:
This field controls the RGMII receive FIFO half full threshold.
4:3
RGMII_TX_HALF_FULL_THR
10, RW
RGMII Transmit FIFO Half Full Threshold:
This field controls the RGMII transmit FIFO half full threshold.
2
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
76
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com