Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 52 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 52 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 48Page - Texas Instruments DP83867CS Datasheet HTML 49Page - Texas Instruments DP83867CS Datasheet HTML 50Page - Texas Instruments DP83867CS Datasheet HTML 51Page - Texas Instruments DP83867CS Datasheet HTML 52Page - Texas Instruments DP83867CS Datasheet HTML 53Page - Texas Instruments DP83867CS Datasheet HTML 54Page - Texas Instruments DP83867CS Datasheet HTML 55Page - Texas Instruments DP83867CS Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 129 page
background image
7.6.7 Auto-Negotiate Expansion Register (ANER)
This register contains additional Local Device and Link Partner status information.
Table 7-16. Auto-Negotiate Expansion Register (ANER), Address 0x0006
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:7
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0.
6
RX_NEXT_PAGE_LOC_ABLE
1, RO
Receive Next Page Location Able:
1 = Received Next Page storage location is specified by bit 6.5.
0 = Received Next Page storage location is not specified by bit 6.5.
5
RX_NEXT_PAGE_STOR_LOC
1, RO
Receive Next Page Storage Location:
1 = Link Partner Next Pages are stored in register 8.
0 = Link Partner Next Pages are stored in register 5.
4
PDF
0, RO
Parallel Detection Fault:
1 = A fault has been detected via the Parallel Detection function.
0 = A fault has not been detected.
3
LP_NP_ABLE
0, RO
Link Partner Next Page Able:
1 = Link Partner does support Next Page.
0 = Link Partner does not support Next Page.
2
NP_ABLE
1, RO/P
Next Page Able:
1 = Indicates local device is able to send additional Next Pages.
1
PAGE_RX
0, RO/COR
Link Code Word Page Received:
1 = Link Code Word has been received, cleared on a read.
0 = Link Code Word has not been received.
0
LP_AN_ABLE
0, RO
Link Partner Auto-Negotiation Able:
1 = Indicates that the Link Partner supports Auto-Negotiation.
0 = Indicates that the Link Partner does not support Auto-
Negotiation.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com