Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 90 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 90 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 86Page - Texas Instruments DP83867CS Datasheet HTML 87Page - Texas Instruments DP83867CS Datasheet HTML 88Page - Texas Instruments DP83867CS Datasheet HTML 89Page - Texas Instruments DP83867CS Datasheet HTML 90Page - Texas Instruments DP83867CS Datasheet HTML 91Page - Texas Instruments DP83867CS Datasheet HTML 92Page - Texas Instruments DP83867CS Datasheet HTML 93Page - Texas Instruments DP83867CS Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 129 page
background image
7.6.68 Receive Pattern Register 3 (RXFPAT3)
Table 7-78. Receive Pattern Register 3 (RXFPAT3), Address 0x013E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_4_5
0, RW
Bytes 4 + 5 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.69 Receive Pattern Register 4 (RXFPAT4)
Table 7-79. Receive Pattern Register 4 (RXFPAT4), Address 0x013F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_6_7
0, RW
Bytes 6 + 7 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.70 Receive Pattern Register 5 (RXFPAT5)
Table 7-80. Receive Pattern Register 5 (RXFPAT5), Address 0x0140
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_8_9
0, RW
Bytes 8 + 9 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.71 Receive Pattern Register 6 (RXFPAT6)
Table 7-81. Receive Pattern Register 6 (RXFPAT6), Address 0x0141
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_10_11
0, RW
Bytes 10 + 11 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.72 Receive Pattern Register 7 (RXFPAT7)
Table 7-82. Receive Pattern Register 7 (RXFPAT7), Address 0x0142
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_12_13
0, RW
Bytes 12 + 13 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.73 Receive Pattern Register 8 (RXFPAT8)
Table 7-83. Receive Pattern Register 8 (RXFPAT8), Address 0x0143
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_14_15
0, RW
Bytes 0 14 + 15 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.74 Receive Pattern Register 9 (RXFPAT9)
Table 7-84. Receive Pattern Register 9 (RXFPAT9), Address 0x0144
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_16_17
0, RW.
Bytes 16 + 17 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
90
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com