Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 84 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 84 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 80Page - Texas Instruments DP83867CS Datasheet HTML 81Page - Texas Instruments DP83867CS Datasheet HTML 82Page - Texas Instruments DP83867CS Datasheet HTML 83Page - Texas Instruments DP83867CS Datasheet HTML 84Page - Texas Instruments DP83867CS Datasheet HTML 85Page - Texas Instruments DP83867CS Datasheet HTML 86Page - Texas Instruments DP83867CS Datasheet HTML 87Page - Texas Instruments DP83867CS Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
7.6.47 ANA_LD_TXG_FINE_GAINSEL_CD (ALTFGCD)
Table 7-57. ANA_LD_TXG_FINE_GAINSEL_CD (ALTFGCD), Address 0x00A1
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
Reserved
0000,RO
RESERVED
11:8
TXG_GAINSEL_FINE_D
trim,RW
Gain control channel D
For details, see bits [3:0] of 0x00A0
7:4
Reserved
0000,RO
RESERVED
3:0
TXG_GAINSEL_FINE_C
trim,RW
Gain control channel C
For details, see bits [3:0] of 0x00A0
7.6.48 ANA_LD_FILTER_TUNE_AB (ALFTAB)
Table 7-58. ANA_LD_FILTER_TUNE_AB (ALFTAB), Address 0x00A2
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:14
Reserved
00, RO
RESERVED
13
LD_FILTER_TUNE_B_FORCE_
CTRL
0, RW
Channel B LD_FILTER_TUNE enable
12:8
LD_FILTER_TUNE_B
1000, RW
Line driver swing for channel B when
LD_FILTER_TUNE_B_FORCE_CTRL is enable
7:6
Reserved
0, RO
RESERVED
5
LD_FILTER_TUNE_A_FORCE_
CTRL
0, RW
Channel A LD_FILTER_TUNE_A enable
4:0
LD_FILTER_TUNE_A
10000, RW
Line driver swing for channel A when
LD_FILTER_TUNE_A_FORCE_CTRL is enable
7.6.49 ANA_LD_FILTER_TUNE_CD (ALFTCD)
Table 7-59. ANA_LD_FILTER_TUNE_CD (ALFTCD), Address 0x00A3
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:14
Reserved
00,RO
RESERVED
13
LD_FILTER_TUNE_D_FORCE_
CTRL
0,RW
Channel D LD_FILTER_TUNE enable
12:8
LD_FILTER_TUNE_D
10000,RW
Line driver swing for channel D when
LD_FILTER_TUNE_D_FORCE_CTRL is enable
7:6
Reserved
00,RO
RESERVED
5
LD_FILTER_TUNE_C_FORCE_
CTRL
0,RW
Channel C LD_FILTER_TUNE enable
4:0
LD_FILTER_TUNE_C
10000,RW
Line driver swing for channel C when
LD_FILTER_TUNE_C_FORCE_CTRL is enable
7.6.50 Configuration of Receiver's LPF (CRLPF)
Table 7-60. Configuration of Receiver's LPF (CRLPF), Address 0x00B3
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
CONFIG_REC_LPF
0x0088, RW
Configuration of receiver's LPF. Value 0x000C can further improve
the immunity margins during EMC testing.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
84
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com