Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 27 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 27 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 23Page - Texas Instruments DP83867CS Datasheet HTML 24Page - Texas Instruments DP83867CS Datasheet HTML 25Page - Texas Instruments DP83867CS Datasheet HTML 26Page - Texas Instruments DP83867CS Datasheet HTML 27Page - Texas Instruments DP83867CS Datasheet HTML 28Page - Texas Instruments DP83867CS Datasheet HTML 29Page - Texas Instruments DP83867CS Datasheet HTML 30Page - Texas Instruments DP83867CS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 129 page
background image
PHY
TX_CTRL
GTX_CLK
TX_D [3:0]
RX_CTRL
RX_CLK
RX_D [3:0]
MAC
Figure 7-6. RGMII Connections
7.4.2 Serial Management Interface
The Serial Management Interface (SMI), provides access to the DP83867 internal register space for status
information and configuration. The SMI is compatible with IEEE 802.3-2002 clause 22. The implemented register
set consists of the registers required by the IEEE 802.3, plus several others to provide additional visibility and
controllability of the DP83867 device.
The SMI includes the MDC management clock input and the management MDIO data pin. The MDC clock is
sourced by the external management entity, also called Station (STA), and can run at a maximum clock rate of
25MHz. MDC is not expected to be continuous, and can be turned off by the external management entity when
the bus is idle.
The MDIO is sourced by the external management entity and by the PHY. The data on the MDIO pin is latched
on the rising edge of the MDC clock. The MDIO pin requires a pullup resistor (2.2kΩ) which, during IDLE and
turnaround, pulls MDIO high.
Up to 16 PHYs can share a common SMI bus. To distinguish between the PHYs, a 4-bit address is used.
During power-up reset, the DP83867 latches the PHY_ADD configuration pins to determine the address. The
DP83867IRPAP 64-pin variant can support up to 32 PHYs and uses a 5-bit address.
The management entity must not start an SMI transaction in the first cycle after power-up reset. To maintain valid
operation, the SMI bus must remain inactive at least one MDC cycle after hard reset is deasserted. In normal
MDIO transactions, the register address is taken directly from the management-frame reg_addr field, thus
allowing direct access to 32 16-bit registers (including those defined in IEEE 802.3 and vendor specific). The
data field is used for both reading and writing. The Start code is indicated by a <01> pattern. This pattern makes
sure that the MDIO line transitions from the default idle line state. Turnaround is defined as an idle bit time
inserted between the Register Address field and the Data field. To avoid contention during a read transaction, no
device can actively drive the MDIO signal during the first bit of turnaround. The addressed DP83867 drives the
MDIO with a zero for the second bit of turnaround and follows this with the required data. Figure 7-7 shows the
timing relationship between MDC and the MDIO as driven and received by the Station (STA) and the DP83867
(PHY) for a typical register read access.
For write transactions, the station-management entity writes data to the addressed DP83867, thus eliminating
the requirement for MDIO turnaround. The turnaround time is filled by the management entity by inserting <10>.
Figure 7-7 shows the timing relationship for a typical MII register write access. The frame structure and general
read and write transactions are shown in Table 7-2, Figure 7-7, and Figure 7-8.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com