Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 87 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 87 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 83Page - Texas Instruments DP83867CS Datasheet HTML 84Page - Texas Instruments DP83867CS Datasheet HTML 85Page - Texas Instruments DP83867CS Datasheet HTML 86Page - Texas Instruments DP83867CS Datasheet HTML 87Page - Texas Instruments DP83867CS Datasheet HTML 88Page - Texas Instruments DP83867CS Datasheet HTML 89Page - Texas Instruments DP83867CS Datasheet HTML 90Page - Texas Instruments DP83867CS Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
7.6.58 Receive Configuration Register (RXFCFG)
This register provides receive configuration for Wake-on-LAN (WoL).
Table 7-68. Receive Configuration Register (RXFCFG), Address 0x0134
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
RESERVED
0, RO
RESERVED
11
WOL_OUT_CLEAR
0, RW, SC
Clear Wake-on-LAN Output:
This bit is only applicable when configured for level mode.
1 = Clear Wake-on-LAN output
10:9
WOL_OUT_STRETCH
00, RW
Wake-on-LAN Output Stretch:
If WoL out is configured for pulse mode, the pulse length is defined
as the following number of 125MHz clock cycles:
11 = 64 clock cycles
10 = 32 clock cycles
01 = 16 clock cycles
00 = 8 clock cycles
8
WOL_OUT_MODE
0, RW
Wake-on-LAN Output Mode:
1 = Level Mode. WoL is cleared by a write to WOL_OUT_CLEAR (bit
11).
0 = Pulse Mode. Pulse width is configured via
WOL_OUT_STRETCH (bits 10:9).
7
ENHANCED_MAC_SUPPORT
0, RW
Enable Enhanced Receive Features:
1 = Enable for Wake-on-LAN, CRC check, and Receive 1588
indication.
0 = Normal operation.
6
RESERVED
0, RO
RESERVED
5
SCRON_EN
0, RW
Enable SecureOn Password:
1 = SecureOn Password enabled.
0 = SecureOn Password disabled.
4
WAKE_ON_UCAST
0, RW
Wake on Unicast Packet:
1 = Issue an interrupt upon reception of Unicast packet.
0 = Do not issue an interrupt upon reception of Unicast packet.
3
RESERVED
0, RO
RESERVED
2
WAKE_ON_BCAST
1, RW
Wake on Broadcast Packet:
1 = Issue an interrupt upon reception of Broadcast packet.
0 = Do not issue an interrupt upon reception of Broadcast packet.
1
WAKE_ON_PATTERN
0, RW
Wake on Pattern Match:
1 = Issue an interrupt upon pattern match.
0 = Do not issue an interrupt upon pattern match.
0
WAKE_ON_MAGIC
0, RW
Wake on Magic Packet:
1 = Issue an interrupt upon reception of Magic packet.
0 = Do not issue an interrupt upon reception of Magic packet.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com