Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 101 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 101 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 97Page - Texas Instruments DP83867CS Datasheet HTML 98Page - Texas Instruments DP83867CS Datasheet HTML 99Page - Texas Instruments DP83867CS Datasheet HTML 100Page - Texas Instruments DP83867CS Datasheet HTML 101Page - Texas Instruments DP83867CS Datasheet HTML 102Page - Texas Instruments DP83867CS Datasheet HTML 103Page - Texas Instruments DP83867CS Datasheet HTML 104Page - Texas Instruments DP83867CS Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
Table 7-133. TDR Peak Amplitudes Register 7 (TDR_PEAKS_AMP_7), Address 0x01A0 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
14:8
TDR_PEAKS_AMP_C_3
0, RO
Amplitude of the fourth peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_C_2
0, RO
Amplitude of the third peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into type of cable
fault and-or interference.
7.6.124 TDR Peak Amplitudes Register 8 (TDR_PEAKS_AMP_8)
Table 7-134. TDR Peak Amplitudes Register 8 (TDR_PEAKS_AMP_8), Address 0x01A1
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED
14:8
TDR_PEAKS_AMP_D_0
0, RO
Amplitude of the first peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_C_4
0, RO
Amplitude of the fifth peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into type of cable
fault and-or interference.
7.6.125 TDR Peak Amplitudes Register 9 (TDR_PEAKS_AMP_9)
Table 7-135. TDR Peak Amplitudes Register 9 (TDR_PEAKS_AMP_9), Address 0x01A2
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED
14:8
TDR_PEAKS_AMP_D_2
0, RO
Amplitude of the third peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_D_1
0, RO
Amplitude of the second peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into type of cable
fault and-or interference.
7.6.126 TDR Peak Amplitudes Register 10 (TDR_PEAKS_AMP_10)
Table 7-136. TDR Peak Amplitudes Register 10 (TDR_PEAKS_AMP_10), Address 0x01A3
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED
14:8
TDR_PEAKS_AMP_D_4
0, RO
Amplitude of the fifth peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_D_3
0, RO
Amplitude of the fourth peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into type of cable
fault and-or interference.
7.6.127 TDR General Status (TDR_GEN_STATUS)
Table 7-137. TDR General Status (TDR_GEN_STATUS), Address 0x01A4
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
RESERVED
0, RO
RESERVED
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com