Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 113 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 113 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 109Page - Texas Instruments DP83867CS Datasheet HTML 110Page - Texas Instruments DP83867CS Datasheet HTML 111Page - Texas Instruments DP83867CS Datasheet HTML 112Page - Texas Instruments DP83867CS Datasheet HTML 113Page - Texas Instruments DP83867CS Datasheet HTML 114Page - Texas Instruments DP83867CS Datasheet HTML 115Page - Texas Instruments DP83867CS Datasheet HTML 116Page - Texas Instruments DP83867CS Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 129 page
background image
When operating in three-supply mode, the 1.8V VDDA1P8 supply must be stable within 25ms of the 2.5V
VDDA2P5 supply ramping up. There is no sequencing requirement for other supplies when operating in three-
supply mode.
When powering down the DP83867, the 1.8V supply must be brought down before the 2.5V supply.
VDDA1P8
VDDA2P5
tt
1t
Figure 8-9. Three-Supply Mode Power Supply Sequence Diagram
Table 8-5. Three-Supply Mode Power Supply Sequence
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX UNIT
T1
Beginning of VDDA2P5 ramp up
to VDDA1P8 stable
0
25
ms
Note
If the 2.5V power supply provides power to DP83867 devices only, the 1.8V supply can ramp up any
time before 2.5V.
There is no requirement for the sequence of the supplies when operating in two-supply mode.
8.4 Layout
8.4.1 Layout Guidelines
8.4.1.1 Signal Traces
PCB traces are lossy and long traces can degrade the signal quality. Traces must be kept short as possible.
Unless mentioned otherwise, all signal traces must be 50Ω, single-ended impedance. Differential traces must
be 50Ω single-ended and 100Ω differential. Take care that the impedance is constant throughout. Impedance
discontinuities cause reflections leading to EMI & signal integrity problems. Stubs must be avoided on all signal
traces, especially the differential signal pairs. See Figure 8-10
Within the differential pairs, the trace lengths must run parallel to each other and matched in length. Matched
lengths minimize delay differences, avoiding an increase in common-mode noise and increased EMI.
Length matching is also important on MAC interface. All Transmit signal trace lengths must match to each other
and all Receive signal trace lengths must match to each other.
There must be no crossover or via on the signal paths. Vias present impedance discontinuities and must be
minimized when possible. Route an entire trace pair on a single layer if possible.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com