Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 123 Page - Texas Instruments

Part # DP83867CS
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CS Datasheet(HTML) 123 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 119Page - Texas Instruments DP83867CS Datasheet HTML 120Page - Texas Instruments DP83867CS Datasheet HTML 121Page - Texas Instruments DP83867CS Datasheet HTML 122Page - Texas Instruments DP83867CS Datasheet HTML 123Page - Texas Instruments DP83867CS Datasheet HTML 124Page - Texas Instruments DP83867CS Datasheet HTML 125Page - Texas Instruments DP83867CS Datasheet HTML 126Page - Texas Instruments DP83867CS Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 129 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DP83867CSRGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867CSRGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867CSRGZTG4
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ERGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ERGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ERGZTG4
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ISRGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ISRGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
DP83867ISRGZTG4
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.1
12.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com