Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 4Page - STMicroelectronics EF9345 Datasheet HTML 5Page - STMicroelectronics EF9345 Datasheet HTML 6Page - STMicroelectronics EF9345 Datasheet HTML 7Page - STMicroelectronics EF9345 Datasheet HTML 8Page - STMicroelectronics EF9345 Datasheet HTML 9Page - STMicroelectronics EF9345 Datasheet HTML 10Page - STMicroelectronics EF9345 Datasheet HTML 11Page - STMicroelectronics EF9345 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
VIDEO INTERFACE R, G, B, I, HP, HVS/HS, PC/VS
VCC = 5.0V
±5%, TA = 0 to + 70°C, CLK Duty Cycle = 50%, CL = 50pF
Reference Levels : VIL = 0.8V and VIH = 2.2V on CLK Inputs. VOL = 0.4V and VOH = 2.4V on all Outputs.
Symbol
Parameter
Min.
Typ.
Max.
Unit
tSU
Setup Time R, G, B, I to HP
10
ns
tHO
Hold Time R, G, B, I from HP
50
ns
tD
Output Delay from CLK Edge
60
ns
tPWCH
CLK High Pulse Width
30
ns
tPWCL
CLK Low Pulse Width
30
ns
CLK
R, G, B, I,
40 char/row
R, G, B, I,
80 char/row
HVS/HS
PC/VS
t D
t D
t D
t D
t D
CLK
t PWCH
t PWCL
HP
t SU
t HO
t D
INPUT CLK
Figure 6
EF9345
8/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com