Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 29 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 25Page - STMicroelectronics EF9345 Datasheet HTML 26Page - STMicroelectronics EF9345 Datasheet HTML 27Page - STMicroelectronics EF9345 Datasheet HTML 28Page - STMicroelectronics EF9345 Datasheet HTML 29Page - STMicroelectronics EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
80 CHAR/ROW CHARACTER CODES
To display pages in 80 character per row format,
one of two character code formats must be se-
lected :
- Long (12 bits) code : 4 parallel attributes and large
on-chip 1024 semigraphic character set,
- Short (8 bits) code : no attribute, no semigraphic
set.
Both formats address the on-chip G0 set (128
characters 6 x 10). None allows UDS addressing.
Long Codes
Each 6 pixels x 10 lines character window on the
screen is associated with a 12-bit code in memory,
namely a C byte and an attribute nibble A (Fig-
ure 18). C7 bit designates the set.
- Alphanumeric set : C7 = 0
C(0:6) designates one out of 128 alphanumeric
characters in the G0 on-chip set. This set is
common to the 40 char/row format, with the 2 right
most columns truncated (see Figure 34).
A(0:3) gives 4 parallel attributes.
- Mosaïc set : C7 = 1
A(1:3) and C(0:6) address a dedicated mosaïc
character. Each of these address bits controls the
foreground/background status of a 3 pixels x 2
lines sub-window : foreground when the bit is set.
A0 provides a color select attribute.
Short Codes
They are derived from the long code by giving a 0
implicit value to each bit of the A nibble : positive,
not underlined, not flashing.
Packing the Codes in Memory
Long codes are paired. A pair is packed in a 3-byte
word. Therefore, the 80 codes of a row fill a 120-
byte row buffer (Figure 29). The left most position
on the screen is even. Its corresponding C byte is
at the beginningof the first buffer. The next position
on the screen is odd. Its corresponding C byte is at
the beginning of the second buffer. Both nibbles
are packed in the third buffer. With short codes, the
same scheme yields 80-byte row buffers.
Access to the Codes in Memory
KRL command transfers 12 bits from/to the R1 and
R3 registers to/from memory. The read modify
write operation, necessary to write the A nibble in
memory, is automatically performed provided that
the A nibble is repeated in the R3 register (Fig-
ure 30). Dedicated auto-incrementationis also per-
formed when required.
KRC command does a similar job for the short
codes (Figure 31).
A very simple scheme allows the microprocessor
to transcode an horizontal screen location into a
pointer (Figure 32). The joint use of this scheme
with the dedicated command alleviates all the
packing/unpacking troubles.
765432
10
0X
C
XXXXXX
3
N
2
F
1
U
0
D
A
76543210
1X
C
XXXXX
X
3
X
2
X
1
X
0
D
A
ALPHANUMERIC CHAR CODE
N = Negative
F = Flash
U = Underline
D = Color set
128 ALPHANUMERICS
In G
0 set.
MOSAIC CHAR CODE
C0
C1
C2
C3
C4
C5
C6
A1
A2
A3
0
1
2
3
4
5
6
7
8
9
3 pels
3 pels
DEDICATED
MOSAIC SET
Figure 28 : 80 Char/Row Character Code
EF9345
29/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com