Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 2 Page - STMicroelectronics

  EF9345 Datasheet HTML 1Page - STMicroelectronics EF9345 Datasheet HTML 2Page - STMicroelectronics EF9345 Datasheet HTML 3Page - STMicroelectronics EF9345 Datasheet HTML 4Page - STMicroelectronics EF9345 Datasheet HTML 5Page - STMicroelectronics EF9345 Datasheet HTML 6Page - STMicroelectronics EF9345 Datasheet HTML 7Page - STMicroelectronics EF9345 Datasheet HTML 8Page - STMicroelectronics EF9345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PIN DESCRIPTION (All the input/output pins are TTL compatible)
Name
Pin
Type
Pin N
°
Function
Description
MICROPROCESSOR INTERFACE
AD(0:7)
I/O
17-29
21-25
Multiplexed
Address/Data
Bus
These 8 bidirectional pins provide communication with the
microprocessor system bus.
AS
I
14
Address
Strobe
The falling edge of this control signal latches the address on the
AD(0:7) lines, the state of the Data Strobe (DS) and Chip Select (CS)
into the chip.
DS
I
15
Data Strobe
When this input is strobed high by AS, the output buffers are selected
while DS is low for a read cycle (R/W = 1).
In write cycle, data present on AD(0:7) lines are strobed by R/W low
(see timing diagram 2).
When this input is strobed low by AS, R/W gives the direction of data
transfer on AD(0:7) bus. DS high strobes the data to be written during
a write cycle (R/W = 0) or enables the output buffers during a read
cycle (R/W = 1). (see timing diagram 1).
R/W
I
16
Read/Write
This input determines whether the Internal registers get written or
read. A write is active low (”O”).
CS
I
26
Chip Select
The EF9345 is selected when this input is strobed low by AS.
MEMORY INTERFACE
ADM(0:7)
I/O
40-43
Multiplexed
Address/Data
Bus
Lower 8 bits of memory address appear on the bus when ASM is
high. It then becomes the data bus when ASM is low.
AM(8:13)
O
32-27
Memory
Address Bus
These 6 pins provide the high order bits of the memory address.
OE
O
2
Output Enable
When low, this output selects the memory data output buffers.
WE
O
3
Write Enable
This output determines whether the memory gets read or written. A
write is active low (”0”).
ASM
O
4
Memory
Address
Strobe
This signal cycles continuously. Address can be latched on its falling
edge.
OTHER PINS
CLK
I
12
Clock Input
External TTL clock Input (nominal value : 12MHz, duty cycle : 50%).
VSS
S
1
Power Supply
Ground.
VCC
S
20
Power Supply
+5V
VIDEO INTERFACE
R
G
B
O
O
O
7
8
9
Red
Green
Blue
These outputs deliver the video signal. They are low during the
vertical and horizontal blanking intervals.
I
O
10
Insert
This active high output allows to insert R : G: B : in an external video
signal for captioning purposes, for example. It can also be used as a
general purpose attribute or color.
HVS/HS
O
5
Sync. Out
This output delivers either the composite synchro (bit TGS4 = 1) or the
horizontal synchro signal (bit TGS4 =0)
PC/VS
O
6
Phase
Comparator /
Vertical Sync
When TGS4 = 1, this signal is the phase comparator output.
When TGS4 = 0, this output delivers the vertical synchro signal.
SYNC IN
I
13
Synchro In
This input allows vertical and/or horizontal synchronizing the EF9345
on an external signal. It must be grounded if not used.
HP
O
11
Video Clock
This output delivers a 4MHz clock phased with the R, G, B, I signals.
EF9345
2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com