Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 14 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 10Page - STMicroelectronics EF9345 Datasheet HTML 11Page - STMicroelectronics EF9345 Datasheet HTML 12Page - STMicroelectronics EF9345 Datasheet HTML 13Page - STMicroelectronics EF9345 Datasheet HTML 14Page - STMicroelectronics EF9345 Datasheet HTML 15Page - STMicroelectronics EF9345 Datasheet HTML 16Page - STMicroelectronics EF9345 Datasheet HTML 17Page - STMicroelectronics EF9345 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Insert Modes : PAT(4:5)
During retrace, margin and extended margin peri-
ods, the I output pin delivers the value of the insert
margin attribute.
I= IM = MAT4
During active line period, the I output state is con-
trolled by the Insert Mode and i, the insert attribute
of each character. The I output pin may have
several uses (see Figure 12) :
- As a margin/active area signal in the active area
mark mode.
- As a character per character marker signal in the
character mark mode.
- As a video mixing signal in the two remaining
modes, provided that the EF9345 has been ver-
tically and horizontally synchronized with an ex-
ternal video source : the I pin allows mixing RGB
outputs (I = 1) and the external video signal
(I = 0). This mixing can be achieve by switching
or Oring. It may occur for the complete character
window (Boxing Mode) or only for the foreground
pixels (Inlay Mode).
Table 3 : Video Outputs During Active Periods
Insert Mode
Char. Level
Outputs
i
Pixels
(1)
I
R, G, B
(2)
Active Area Mark
–
1
X
Character Mark
0–
0
X
1–
1
X
Boxing
0
–
0
BLACK
1–
1
X
Inlay
0
–
0
BLACK
1
BACKGND
0
BLACK
FOREGND
1
X
Notes :
1.
Pixel type :
– : Dont’t care.
FOREGRND = A fo reground pixel is :
- Any pixel of a quadrichrome cha racter,
- A pixel of a bichrome character ge nerated from a ”1” in the
character generator cell.
2.
RGB outputs :
X : Not affected.
BLACK : Forced to low level.
Timing Generator Options : TGS(0:4)
TGS(0:1) select the number of lines per frame :
TGS1
TGS0
LINES
0
0
312
NON INTERLACED
0
1
262
1
0
312.5
INTERLACED
1
1
262.5
The composite incoming SYNC IN signal is sepa-
rated into 2 internals signals :
- Vertical Synchronization In (VSI),
- Horizontal Synchronization In (HSI).
TGS3 enable VSI to reset the internal line count.
SYNC IN input is sampled at the beginning of the
active area of each line. When the sample transits
from 1 to 0, the line count is reset at the end of the
current line.
TGS2 enables HSI to control an internal digital
phase lock loop. HSI and on-chip generated HS
Out are considered as in phase if their leading
edges match at
±1 clock period.
When they are out of phase, the line period is
lengthened by 1 clock period (
≈80ns).
TGS4 controls the SYNC OUT pins configuration :
TGS4
HVS / HS
PC / VS
1
Composite Sync
PC
0
H Sync Out
V Sync Out
PC is the output of the on-chip phase comparator.
An external VCXO allows a smoother horizontal
phase lock than the internal scheme.
DQ
HS
VS
DQ
÷6
PC
SYNC IN
HVS/HS
CLK
Figure 12
EF9345
14/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com