Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 24 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 20Page - STMicroelectronics EF9345 Datasheet HTML 21Page - STMicroelectronics EF9345 Datasheet HTML 22Page - STMicroelectronics EF9345 Datasheet HTML 23Page - STMicroelectronics EF9345 Datasheet HTML 24Page - STMicroelectronics EF9345 Datasheet HTML 25Page - STMicroelectronics EF9345 Datasheet HTML 26Page - STMicroelectronics EF9345 Datasheet HTML 27Page - STMicroelectronics EF9345 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Z
0
Z
1
Z
2
C6 C5 C4 C3 C2
C1 C0
NT
R4
R5
R6
R7
R1
R2
R3
SLICE
Y
X
Z
3
Figure 23 : Accessing a Character Slice in Memory Using OCT Command with Auxiliary Pointer
On-Chip Character Generator
-G0 set is common to 40 and 80 char./row modes
(Figure 24 and Figure 34).
-G10 is the standard mosaïc set for videotex (Fig-
ure 25).
-G11,G20 and G21 cannot be reached from the
16-bit short fixed codes (Figure 26 and Figure 27).
Displaying the Attributes
1.
For normal operation, a double height and/or
double width character must be repeated in
memory in two successive Y and/or X
positions. The user may otherwise freely mix
any character size.
2. The attributes are logically processed in the
following order :
- Underline or underline cursor : foreground
forced on the last slice (NT = 9).
- Flash : background periodically forced on the
whole window (0.5Hz). The phase depends on
the negative attribute.
- Conceal : background forced permanently on
the whole window. A concealed character
neither blinks nor is underlined.
- Negative : exchange the background and
foreground color values when set.
- Coloring.
- Complemented cursor mode.
- Insert : black color forced when required.
3. Basic pixel shift frequency : fCLK x 2/3 = 8MHz.
EF9345
24/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com