Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 34 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics EF9345 Datasheet HTML 36Page - STMicroelectronics EF9345 Datasheet HTML 37Page - STMicroelectronics EF9345 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Data Phase - Registers
When EF9345 is selected and while AS input is low,
the Ri register is accessed.
R0 designates a write-only COMMAND register or
a read-only STATUS register.
R1 to R7 hold the arguments of a command. They
are read/write registers.
R1, R2, R3 are used to transfer the data.
R4, R5 hold the Auxiliary Pointer (AP).
R6, R7 hold the Main Pointer (MP).
(see memory organization ; pinter section for
pointer structure).
Command Register
This register holds a 4-bit command type and 4 bits
of orthogonal parameters (see command table).
Type
There are 4 groups of command :
The IND command which gives access to on-chip
resources,
The fixed format character code transfer com-
mands,
The variable character code handling commands,
The general purpose commands.
Parameters
R/W :
Direction
1 : to DATA registers (R1, R2, R3)
0 : from DATA registers.
r :
Internal resource index (see figure 27).
l :
Auto-incrementation
1 : with post auto-incrementation
0 : without auto-incrementation
p :
Pointer select
1 : auxiliary pointer
0 : main pointer
s, s :
Source, destination select
01 : source : MP ; destination : AP
10 : source : AP ; destination : MP
a, a :
Stop condition
01 : stop at end of buffer
10 : no stop.
Status Register
This is a read-only, direct access register.
S7 :
BUSY
BUSY is set at the beginningof any
command execution. It is reset at
completion.
S6 :
S5
S4 :
AI
LXm
LXa
LXm or LXa is set when res-
pectively the main pointer or the
auxiliary pointer holds X = 39
before a possible incrementation.
The alarm bit S6 is set when LXm
or LXa is set and an incrementation
is performed after access.
S3 :
Gives the MSB value of R1.
S2 :
Gives the vertical synchronization
signal state.
This is maskable by the VRM
command.
S1 = S0 = 0
Not used.
S3 to S6 are reset at the beginning of any com-
mand.
The COMMAND TABLE shows every command
able to set, each of these status bits, after comple-
tion.
76
543
210
00
0
R/W
r
IND
COMMAND
R1
R2
R3
R4
R5
R6
R7
X
-
-
-
-
-
r
Register
0
1
2
3
4
5
6
7
ROM*
TGS
MAT
PAT
DOR
ROR
B6 C6 C5 C4 C3 C2
R6
...
B4 B5
3
2
1
0
C
1
C
0
NT
R7
1
* A slice in 400 only can be read from the internal
character generator.
The slice address must be initialized in R6, R7.
Figure 37 : Indirect On-Chip Resource Access
EF9345
34/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com