Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 31 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 27Page - STMicroelectronics EF9345 Datasheet HTML 28Page - STMicroelectronics EF9345 Datasheet HTML 29Page - STMicroelectronics EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
R1
R2
R3
C
-
-
R4
R5
R6
R7
-
-
D, Y
B, X
KRC Command
Y
D district
number
B (even)
B + 1 (odd)
X
Figure 31 : KRC Command : Sequential Access to Short Codes
7
6543
210
b1 X5 X4 X3 X2 X1 X0 b0
CHARACTER POSITION (0 to 79)
7
6543
210
b1 X5 X4 X3 X2 X1 X0
b0
X = (0 to 39)
Block parity
Rotate right
Figure 32 : Transcoding an Horizontal Screen Location into a R7 Pointer
76
54
32
10
I
1
B
1
G
1
R
1
I
0
B
0
G
0
R
0
C
1
C
0
BM GM R M
XX
D= 1
D = 0
C M
DOR
MAT
Background
Color
Foreground
Color
DN
i
0
0
1
1
0
1
0
1
i
0
i
0
i
1
i
1
C
M
C
0
C
M
C
1
C
0
C
M
C
1
C
M
The pixel shift frequency is f
CLK (12MHz)
Figure 33
Displaying the Attributes - DOR Register
Short code and mosaïc characters are not flashing,
not underlined and ”positive”.
The attributesare processed in the following order :
- Underline or underlined cursor : foreground is
forced on the last slice (NT = 9).
- Flash : background is periodically (0.5Hz - 50%)
forced on all the window. The phase depends on
the negative attribute.
- Color select : a ”positive” character is displayed
with a background color same as the margin
color. The foreground color is selected in DOR
register by the D attribute.
- Negative : when the character is negative, back-
ground and foreground colors are exchanged. In
complemented CURSOR position, these colors
are complemented.
- Insert : the D attribute selects one insert value in
DOR register. This attribute is then processed up
to the current insertion mode (see screen format
and attribute insert section.
EF9345
31/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com