Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 10 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 6Page - STMicroelectronics EF9345 Datasheet HTML 7Page - STMicroelectronics EF9345 Datasheet HTML 8Page - STMicroelectronics EF9345 Datasheet HTML 9Page - STMicroelectronics EF9345 Datasheet HTML 10Page - STMicroelectronics EF9345 Datasheet HTML 11Page - STMicroelectronics EF9345 Datasheet HTML 12Page - STMicroelectronics EF9345 Datasheet HTML 13Page - STMicroelectronics EF9345 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
FUNCTIONAL DESCRIPTION
The EF9345 is a low cost, semigraphic, CRT con-
troller.
It is optimized for use with a low cost, monochrome
or color TV type CRT (64ms per line, 50 or 60Hz
refresh frequency).
The EF9345 displays up to 25 rows of 40 charac-
ters or 25 rows of 80 characters.
The on-chip character generator provides a 128
standard, 5 x 7, character set and standard semi-
graphic sets.
More use definable (8 x 10) alphanumeric or semi-
graphic sets may be mapped in the 16 K x 8 private
memory addressing space.
These user definable sets are available only in 40
characters per row format.
Microprocessor Interface
The EF9345 provides an 8-bit, adress/data multi-
plexed microprocessor interface.
It is directly compatible with popular (6801, 8048,
8051, 8035, ...) microprocessors.
Registers
The microprocessor directly accesses 8 registers :
- R0 : Command/status register.
- R1, R2, R3 : Data registers.
- R4, R5, R6, R7 : Each of these register pairs
points into the private memory.
Through these registers, the microprocessor indi-
rectly accesses the private memory and 5 more
registers :
- ROR, DOR : Base address of displayed page
memory and used external character generators.
- PAT, MAT, TGS : Used to select the page attrib-
utes and format, and to program the timing gen-
erator option.
Private Memory
The user may partition the 16 K x 8 private memory
addressing space between :
- Page of character codes (2 K x 8 or 3 K x 8),
- External character generators,
- General purpose user area.
Many types of memory components are suitable :
- ROM, DRAM or SRAM,
- 2 K x 8, 8 K x 8, 16 K x 4 organizations,
- Modest 500ns cycle time and 250ns access time
is required.
40 Characters per Row : Character Code
Formats and Attributes
Once the 40 characters per row format has been
selected, one character code format out of three
must be chosen :
- 24-bit fixed format :
All the attributes are provided in parallel.
- 8/24-bit compressed format :
All the attributes are latched.
- 16-bit fixed format :
Some parallel attributes, other are latched.
Character attributes provided :
- Background and foreground color (3 bits each),
- Double height, double width,
- Blinking,
- Reverse,
- Underlining,
- Conceal,
- Insert,
- Accentuation of lower case characters,
- 3 x 100 user definable character generator in
memory,
- 8 x 100 semi-graphic quadrichrome characters.
80 Characters per Row Format : Character
Code Format and Attributes
Two character code formats are provided :
- Long (12 bits) with 4 parallel attributes :
• Blinking,
• Underlining,
• Reverse,
• Color select.
- Short (8 bits) : no attributes.
Timing Generator
The whole timing is derived from a 12MHz main
clock input.
The RGB outputs are shifted at 8MHz for the 40
character/row format and at 12MHz for the 80
character/row.
Besides, the user may select :
- 50Hz or 60Hz vertical sync. frequency,
- Interlaced or not,
- Separated or composite vertical and horizontal
sync. ouputs.
Furthermore, a composite sync. input allows, when
it is required :
- An on-chip vertical resynchronization,
- An on-chip crude horizontal resynchronization,
- An off-chip high performance horizontal resyn-
chronization by use of a simple external VCXO
controlled by the on-chip phase comparator.
EF9345
10/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com