Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 35 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics EF9345 Datasheet HTML 36Page - STMicroelectronics EF9345 Datasheet HTML 37Page - STMicroelectronics EF9345 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Notes on Command Execution
1. The execution of any command starts at the
trailing edge of DS when (and only when) :
- EF9345 has been selected,
- XQR has been set,
at the previous AS falling edge.
This scheme allows loading a command and its
argument in any order. For instance, a command,
once loaded, may be re-executed with new or partly
new arguments.
2. At power on, the busy state is undeterminated.
It is recommanded to load first a dummy
command with XQR = 1 before any effective
command.
3. While Busy is set, the current command is
under execution. Register access is then
restricted.
Register access with XQR = 0
- Read STATUS is effective.
- Write COMMAND or any other register access
are ineffective.
That is to say, the microprocessor reads undeter-
mined values and may not modify a register.
Register access with XQR = 1
- Read STATUS or write COMMAND are effective,
- Access to other registers is ineffective.
However, the previous command is aborted and
the new command execution launched (with an
initial state undetermined for registers and memory
locations handled by the aborted command).
4. Execution suspension
The execution of any command (except VRM,
VSM) is suspended during the last and first TV line
of an active row. This is because the memory bus
cannot be allocated for microprocessor access dur-
ing this 104
µs period.
This holds too for internal resource access because
on-chip data transfer uses internal data memory
bus.
IND Command (See Figure 37)
This command transfers one byte between R1 and
an internal resource. The r parameter designates
one on-chip indirect register.
Fixed Format Character Code Access :
KRF, KRG, KRL, KRC
Each of these commands is dedicated to transfer
one complete character code between DATA reg-
isters and memory. MP is exclusively used.
KRF transfers 24 bits.
KRG transfers 16 bits
KRL transfers 12 bits.
KRC transfers 8 bits.
Code packing, pointer and data structures are ex-
plained in the corresponding character code sec-
tion.
When auto-incrementation is enabled, MP is auto-
matically updated after access so as to point to the
next location. This location corresponds to the next
right position on screen. When last position (X = 39)
is accessed, LXm is set. When last position is
accessed with auto-incrementation, alarm is also
set. MP is then pointing back at the beginning of
the row : there is no automatic Y incrementation.
Variable Code Handling Commands :
KRV EXP, CMP, KRE
An overview on these commands is given in ”han-
dling the variable codes” (40 char./row section).
KRV uses R5 to point the attribute file. LXa is set
when this file is full (the last attribute pair has been
accessed).
EXP and CMP use MP and R5 in the same way as
KRV. Furthermore, R4 points to a working double
buffer. Thse two commands process a whole row
buffer and stop either at the end of the row buffer
or when the file overflows. In the last case, the
alarm bit is set.
KRE uses MP to point to a buffer and R4 to point
to a working double buffer. R5 is unused. In other
respects, KRE is identical to KRL.
For these commands, R4(5:7) hold the LSB’s block
dress of the working buffer W.
7654321
0
Z
0
Z
1
Z
2
R4
Y
YW
ZW
ZW
3 is given by bit 6 of R6
Figure 38
EF9345
35/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com