Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 17 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 13Page - STMicroelectronics EF9345 Datasheet HTML 14Page - STMicroelectronics EF9345 Datasheet HTML 15Page - STMicroelectronics EF9345 Datasheet HTML 16Page - STMicroelectronics EF9345 Datasheet HTML 17Page - STMicroelectronics EF9345 Datasheet HTML 18Page - STMicroelectronics EF9345 Datasheet HTML 19Page - STMicroelectronics EF9345 Datasheet HTML 20Page - STMicroelectronics EF9345 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Figure 13 (Continued)
Type and Set
Code : B(4:7)
Number of Character
per Set
Set
Name
Set
Type
Cell
Location
765
4
C(0:6)
0
01
1
128 Standard Mosaïcs
32 Strokes
G10
SEMI-GR
B
I
C
H
R
O
M
E
ON-CHIP
ROM
10
G11
00
U
N
D
E
R
L
I
N
E
128 Alphanumerics
G0
Accentuated Lower Case Alpha
ALPHA
10
G20
1G21
1
0
0
100 Alpha UDS
G’0
EXTERNAL
MEMORY
0
1
0
100 Semi-Graphic UDS
G’10
SEMI-GR.
1
1
100 Semi-Graphic UDS
G’11
1X
X
8 Sets of 100
Quadrichrome Character
Q0
to
Q7
Quadrichrome
Note : Programming bit value : 1 = True ; 0 = False.
76543210
NF
B
1
G
1
R
1
B
0
G
0
R
0
CHARACTER
CODE A BYTE
76543210
33
N= 1
Exchanges values
33
C
1
C
0
Foreground
color
Background
color
3
R, G, B
Pixel color
MUX
01010010
Foreground
SHIFTED SLICE BYTE
(LSB first)
B
0
0
0
0
1
1
1
1
G
0
0
1
1
0
0
1
1
R
0
1
0
1
0
1
0
1
Color Value
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Figure 14 : Coloring with Bichrome Characters
EF9345
17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com