Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 23 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 19Page - STMicroelectronics EF9345 Datasheet HTML 20Page - STMicroelectronics EF9345 Datasheet HTML 21Page - STMicroelectronics EF9345 Datasheet HTML 22Page - STMicroelectronics EF9345 Datasheet HTML 23Page - STMicroelectronics EF9345 Datasheet HTML 24Page - STMicroelectronics EF9345 Datasheet HTML 25Page - STMicroelectronics EF9345 Datasheet HTML 26Page - STMicroelectronics EF9345 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
The cells of one given character set should be layed
in one block.
Up to 100 character cells may be addressed in
each set (or 200 for low resolution quadrichrome
only). The location in memory, where to fetch the
sets in use, are declared by DOR register (Fig-
ure 22). For each type of set, it gives the MSB(s)
of the Z block address. EF9345 reads the Z LSB(s)
in the B byte of the (equivalent) long code. As usual,
the character code is read in the C byte. NT is
derived from the TV line rank in the row and the
double height status.
Loading User Defined Character Set
Before loading a character set into RAM, the user
must :
- Assign a name to the set :
• G’0,G’10 or G’11 for bichrome characters.
• From Q0 to Q7 for quadrichrome charac-
ters.
- Assign a character number to each character
belonging to this set, character numbers range
from 0 to 3 and 32 to 127.
• It is binary coded into 7 bits C(0:6) - C(0:6)
will be loaded later on into a C byte charac-
ter code in order to display the character.
- A pointer to a character slice in memory is then
manufactured from :
• The character number C(0:6)
• The slice number NT(0:3)
• The block number assigned to the set
Z(0:3)
Figure 23 shows how to proceed with the auxiliary
pointer and the OCT command.
Note : The main pointer may be also used. When
sequentially accessing slices of a given
character, auto incrementation is helpless.
7
6543
210
Z
3
Z
3
Z
2
Z
1
Z
3
Z
2
Z
1
Z
0
DOR G’
1
DOR G’
0
DOR register
7
6543
210
1
X
XXX
XXX
CHARACTER LONG
CODE B BYTE
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
DOR G’
0 (alpha UDS)
DOR G’
1
(semi-grap hic UDS)
DOR Q
(quadrichr ome)
Even block
Odd block
1 Kbyte
2 Kbytes
8 Kbytes
UDS Set
Z Address
#
B7B6B5
Z
3
Z
2
Z
1
Z
0
1
0
DOR
6
DOR
5
DOR
4
DOR
3
DOR
2
DOR
1
B4
G’
0
G’
11
Q0 - Q7
1
11
00
1
X
DOR
7
B4
B5
B3
MEMORY
G’
0
G’
10
G’
11
Q
0
Q
1
Q
7
DOR Q
DOR
0
Figure 22 : UDS Fetch to Display
EF9345
23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com