Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 16 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 12Page - STMicroelectronics EF9345 Datasheet HTML 13Page - STMicroelectronics EF9345 Datasheet HTML 14Page - STMicroelectronics EF9345 Datasheet HTML 15Page - STMicroelectronics EF9345 Datasheet HTML 16Page - STMicroelectronics EF9345 Datasheet HTML 17Page - STMicroelectronics EF9345 Datasheet HTML 18Page - STMicroelectronics EF9345 Datasheet HTML 19Page - STMicroelectronics EF9345 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
40 CHAR/ROW CHARACTER CODES
To display pages in 40 character per row format,
one out of three character code formats must be
selected :
- Fixed long (24 bits) code : all parallel attributes.
- Fixed short (16 bits) code : mix of parallel and
latched attributes.
- Variable (8/24 bits) code : all latched attributes.
Fixed short and variable codes are translated into
fixed long codes by EF9345 during the internal row
buffer loading process. The choice of the character
code format is obviously a display flexibility/mem-
ory size trade off, left up to the user.
Fixed Long Codes
This is the basic 40 char./row code. Each 8 pixels
x 10 lines character window, on the screen is
associated with a 3-byte code in memory, namely
the C, B and A bytes (Figure 13). A row on the
screen is associated with a 120 byte row buffer in
memory.
3-BYTE Code Structure
1. C7 is a don’t care. Up to 128 characters may
be addressed in each set. Each user definable
set holds only 100 characters : C byte value
ranges from 00 to 03 and 20 to 7F (hexa).
2. B(4:7) give the type and set number of the
character.
3. All the bichrome characters have the same
attributes except that alphanumerics may be
underlined, semi-graphics cannot. Accentuated
alphanumerics allow orthogonal accentuating
of any one of the 32 lower case ROM characters
with any of 8 accents (see Figure 27).
4. Bichrome and quadrichrome characters use
two different coloring schemes.
For bichrome characters, character code byte A
defines a two color set by giving directly two color
values (Figure 14). The negative attribute ex-
changes the two values. Each bit of slice byte
selects one color value out of two.
The ”A” byte in a quadrichrome character code
defines an ordered 4 color set (Figure 15). When
more than 4 bits are set, higher ranking bits are
ignored. When less than 4 bits are set, the color set
is completed with implicit ”white” value. The slice
byte is shifted 2 bits at once at half the dot fre-
quency (
≈4MHz).
Each bit pair designates one color out of the 4 color
sets.
Quadrichrome characters allow displaying up to 4
different colors (instead of 2) in any 8 x 10 window
at the penalty of an halved horizontal resolution.
By programming the R attribute in byte B, one may
chose to keep the full vertical resolution (1 slice per
line) or to halve it (each slice is repeated twice). In
any case, it is possible to change the color set freely
from window to window and to mix freely all the
character types. So, fairly complex pictures may be
displayed at low memory cost.
Handling Long Codes
The KRF command allows an easy X, Y random
access or an X sequential access to/from the mi-
croprocessor from/to a memory row buffer (Fig-
ure 16).
7
6543
210
Lm
H
i
C BYTE
B BYTE
Insert
Double height
Conceal
Double width
Type and set
NF
B
1
G
1
R
1
B
0
G
0
R
0
A BYTE
Background color C
0
Flash (blink)
Foreground color C
1
Negative (reverse video)
Bichrome Code
7654
3210
kR
i
Insert
Low resolution
Subset index
(low resolution only)
Set number
4 COLOR PALETTE
Quadrichrome Code
11
Figure 13 : 40 Char/Row Fixed Long Codes
EF9345
16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com