Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 36 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics EF9345 Datasheet HTML 36Page - STMicroelectronics EF9345 Datasheet HTML 37Page - STMicroelectronics EF9345 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
General Purpose Access to a Byte OCT
This command uses either MP or AP pointer.
When MP is in use, an overflow yields to a Y
incrementation.
Move Buffer Commands : MVB, MVD, MVT
These are memory to memory commands which
use R1 as working register.
MVB transfers a byte from source to destination,
post-increments the 2 pointers and iterates until the
stop condition is met. MVD and MVT are similar but
work respectively with 2 byte word and 3 byte word.
That is to say, MVB works on buffers, MVD on
double buffers and MVT on triple buffers. If the
parameter a = 1, the process stops when either
source or destination buffer end is reached. If the
parameter a = 0, the process never stops until
aborted. In this case, main pointer overflow yields
to a Y incrementation in MP. So, a whole block or
page may be initialized.
Miscellaneous Commands : INY, VRM and
VSM
INY command increments Y in MP.
VRM and VSM respectively reset and set a vertical
synchronization status mask. When the mask is
set, status bit S2 remains at 0. When the mask is
reset, status S2 follows the vertical sync. state : it
is reset for 2 TV lines per frame and stays at 1
during the remaining period. It becomes readable
by the microprocessor form the status register.
After power on, the mask state is undetermined.
Table 4 : Command
Type
Memo
Code
Parameter
Status
Arguments
Execution Time (1)
7
654
3
2
10
AI LXm LXa R17 R1 R2 R3 R4 R5 R6 R7
Write
Read
Indirect
IND
1
0
0
0
R/W
r
0
0
0
0
D
-
---MP
2
3.5
40 Characters - 24 bits
KRF
0
0
0
0
R/W
0
0
I
X
X
0
0
C
B
A
-
-
MP
4
7.5
40 Characters - 16 bits
KRG
0
0
0
0
R/W
0
1
I
X
X
0
0
A* B* W
-
-
MP
5.5
7.5
80 Characters - 8 bits
KRC
0
1
0
0
R/W
0
0
I
X
X
0
0
C
-
---MP
9
9.5
80 Characters - 12 bits
KRL
0
1
0
1
R/W
0
0
I
X
X
0
0
C
-
A
-
-
MP
12.5
11.5
40 Characters Variable
KRV
0
0
1
0
R/W
0
0
I
X
X
X
X
C
B
A
-
XF
MP
(2) 3 + 3 + j
3.5 +
6* j
Expansion
EXP
0
1
1
0
0
0
0
0
X
0
X
0
C
B
A
PW XF
MP
(3) < 247
-
Compression
CMP
0
1
1
1
0
0
0
0
X
0
X
0
C
B
A
PW XF
MP
(3) < 402
-
Expanded Characters
KRE
0
0
0
1
R/W
0
0
I
X
X
0
0
C
B
A
PW
-
MP
4
7.5
Byte
OCT
0
0
1
1
R/W
p
0
I
X
X
X
0
D
-
-
AP
MP
4
4.5
Move Buffer
MVB
1
1
0
1
s
s
a
a
0
0
0
0
W
-
-
AP
MP
(2) 2 + 4. n
-
Move Double Buffer
MVD
1
1
1
0
s
s
a
a
0
0
0
0
W
-
-
AP
MP
(2) 2 + 8. n
-
Move Triple Buffer
MVT
1
1
1
1
s
s
a
a
0
0
0
0
W
-
-
AP
MP
(2) 2 + 12. n
-
Clear Page (4) - 24 Bits
CLF
0
0
0
0
0
1
0
1
X
X
0
0
C
B
A
-
-
MP
< 4700
(1 K code)
-
Clear Page (4) - 16 bits
CLG
0
0
0
0
0
1
1
1
X
X
0
0
A* B* W
-
-
MP
< 5800
(1 K code)
-
Vertical Sync Mask Set
VSM
1
0
0
1
1
0
0
1
0
0
0
0
-
-
-
-
-
-
-
1
-
Vertical Sync Mask Reset
VRM
1
0
0
1
0
1
0
1
-
-
-
-
-
-
-
-
-
-
-
1
-
Increment Y
INY
1
0
1
1
0
0
0
0
0
0
0
0
-
-
-
-
-
Y
-
2
-
No Operation
NOP
1
0
0
1
0
0
0
1
-
-
-
-
-
-
-
-
-
-
-
1
-
P
:
Pointer select
1 : auxiliary pointer
0 : main pointer
s, s
:
Source, destination
01 : source = MP ;
destination = AP
10 : source = AP ;
destination = MP
a, a
:
Stop condition
01 : stop at end of buffer
10 : no stop
r
:
Indirect register number
-
:
Not affected
W
:
Used as working register
PW
(Z, YW)
:
Working buffer
X
:
Set or Reset
XF
:
X File
I
:
Pointer incrementation
D
:
Data
MP
:
Main pointer
AP
:
Auxiliary pointer
(1) Unit :
12 clock periods (
≈ 1µs)
without possible suspension.
(2) n
:
total number of word
≤ 40 ;
j = 1 for long code,
j = 0 for short codes.
(3)
:
Worst case (20 long codes +
20 short codes).
(4)
:
These commands repeats KRF
or KRG with Y incrementation
when X overflows. When the
last position is reached in a
row. Y is incremented and the
process starts again on the
next row.
EF9345
36/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com