Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 7Page - STMicroelectronics EF9345 Datasheet HTML 8Page - STMicroelectronics EF9345 Datasheet HTML 9Page - STMicroelectronics EF9345 Datasheet HTML 10Page - STMicroelectronics EF9345 Datasheet HTML 11Page - STMicroelectronics EF9345 Datasheet HTML 12Page - STMicroelectronics EF9345 Datasheet HTML 13Page - STMicroelectronics EF9345 Datasheet HTML 14Page - STMicroelectronics EF9345 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
MEMORY ORGANIZATION
Logical And Physical Addressing
The physical 16-Kbyte addressingspace is logicaly
partitioned by EF9345 into 40-byte buffers (Fig-
ure 8). More precisely, a logical address is given by
an X, Y, Z triplet where :
- X = (0 to 39) points to a byte inside a buffer,
- Y = (0, 1 ; 8 to 31) points to a buffer inside a
1 Kbyte blocks,
- Z = (0 to 15) points to a block.
Obviously, 1 K = 2
10 = 1024 cannot be exactly
divided by 40. Consequently, any block holds 25
full buffers and a 24-byte remainder. Provided that
the physical memory is a multiple of 2 Kbytes, the
remainders are paired in such a way as to make
available :
- A full buffer (Y = 1) in each even block,
- A partial buffer (Y = 1 ; X = 32 to 39) in each odd
block.
DISTRICT
839
X
0
8
31
0
0
1
31
0
8
31
0
8
31
DISTRICT
DISTRICT
0
9
BLOCK 0
(1Kbyte)
BLOCK 1
BLOCK 2
BLOCK 3
839
X
Y
Y
120-BYTE ROW BUFFER
80-BYTE ROW BUFFER
- Row buffers lay indide a district
- At two or three successive block addresses (modulo 4)
- First block address is even
32
32
8
1
1
1
Notes :
Figure 8 : Memory Row Buffer
Pointers
Each X, Y and Z component of a logical address is
binary encoded and packed in two 8-bits registers.
Such a register pair is a pointer (Figure 9). EF9345
contains two pointers :
- R4, R5 : auxiliary pointer,
- R6, R7 : main pointer.
R5 and R7 have the same format. Each one holds
an X component and the two LSB’s of a Z compo-
nent. This packing induces a partitioning of Z in 4
districts of 4 blocks each.
R5, R7 points to a block number in a district. R4
and R6 have a slightly different format : Each one
holds a Y component and the LSB of the district
number. But R6 holds both district MSB
Figure 11 gives the logical to physical address
transcoding scheme performed on chip.
d1
d’1
d0
4
3210
R6
Y = (0, 1 ; 8 to 31)
b0
b1
5
4
3210
R7
X= 0to 39
MAIN
POINTER
__
d’0
4
3210
R4
Y’ = (0, 1 ; 8 to 31)
b’0
b’1
5
4
3210
R5
X’ = 0 to 39
AUXILIARY
POINTER
3
210
Z = (0 to 15)
DB
39
1
2
0
2= 0
4= 0
6= 0
1
3= 1
5= 1
7= 1
X incrementation
Modulo 40
Y incrementation
Modulo 24
Z incrementation/
decrementation
Modulo 4 on the
block number only
0
XY
B
31
89
10
1
2
3
0
Figure 9 : Pointer Auto Incrementation
EF9345
11/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com