Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 2Page - STMicroelectronics EF9345 Datasheet HTML 3Page - STMicroelectronics EF9345 Datasheet HTML 4Page - STMicroelectronics EF9345 Datasheet HTML 5Page - STMicroelectronics EF9345 Datasheet HTML 6Page - STMicroelectronics EF9345 Datasheet HTML 7Page - STMicroelectronics EF9345 Datasheet HTML 8Page - STMicroelectronics EF9345 Datasheet HTML 9Page - STMicroelectronics EF9345 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MICROPROCESSOR INTERFACE
EF9345 is motel compatible. It automatically se-
lects the processor type by using AS input latch to
state of the DS input.
No external logic is needed to adapt bus control
signals from most of the common multiplexed bus
microprocessors.
EF9345
6801
INTEL Family
Timing 1
Timing 2
AS
AS
ALE
DS
DS, E,
φ 2
RD
R/W
R/W
WR
MICROPROCESSOR INTERFACE TIMING AD(0:7), AS, DS, R/W, CS
VCC = 5.0V
±5%, TA = 0 to + 70°C, CL = 100pF on AD(0:7)
Reference Levels : VIL = 0.8V and VIH = 2V on All Inputs ; VOL = 0.4V and VOH on all Outputs.
Symbol
Ident. N
°
Parameter
Min.
Typ.
Max.
Unit
tCYC
1
Memory Cycle Time
400
ns
tASD
2
DS Low to AS High (Timing 1)
DS High or R/W High to AS High (Timing 2)
30
ns
tASED
3
AS Low to High (Timing 1)
AS Low to DS Low or R/W Low (Timing 2)
30
ns
tPWEH
4
Write Pulse Width
200
ns
tPWASH
5
AS Pulse Width
100
ns
tRWS
6
R/W to DS Setup Time (Timing 1)
100
ns
tRWH
7
R/W to DS Hold Time (Timing 1)
10
ns
tASL
8
Address and CS Setup Time
20
ns
tAHL
9
Address and CS Hold Time
20
ns
tDSW
10
Data Setup Time (Write Cycle)
100
ns
tDHW
11
Data Hold Time (Write Cycle)
10
ns
tDDR
12
Data Access Time from DS (Read Cycle)
150
ns
tDHR
13
DS Inactive to High Impedance State Time (Read Cycle)
10
80
ns
tACC
14
Address to Data Valid Access Time
300
ns
1
2
3
5
7
8
9
10
11
12
13
14
INPUT DATA
OUTPUT
DATA
2
8
9
ADDRESS
ADDRESS
6
DS
ASM
R/W
CS
WRITE CYCLE
AD (0:7)
READ CYCLE
AD (0:7)
Figure 3 : Microprocessor Interface Timing Diagram 1 (6801 Type)
EF9345
6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com