Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 22 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 18Page - STMicroelectronics EF9345 Datasheet HTML 19Page - STMicroelectronics EF9345 Datasheet HTML 20Page - STMicroelectronics EF9345 Datasheet HTML 21Page - STMicroelectronics EF9345 Datasheet HTML 22Page - STMicroelectronics EF9345 Datasheet HTML 23Page - STMicroelectronics EF9345 Datasheet HTML 24Page - STMicroelectronics EF9345 Datasheet HTML 25Page - STMicroelectronics EF9345 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
USED DEFINED CHARACTER GENERATOR IN MEMORY : DOR REGISTER
With 40 char / row, the elementary window dimen-
sions on the screen are 10 slices x 8 pixels. Thus,
a character cell holds 10 bytes in memory and 4
character cells are packed in one 40-byte buffer
(Figure 21). However, 5 bytes of a low resolution
quadrichrome cell are enough to fill up to window.
In this case, 8 character cells can be packed in one
40-byte buffer.
012 3 456 7
0
1
2
3
4
5
6
7
8
9
PIXELS
SLICE
NUMBER
(0 to 9)
NT
ONE SLICE
ONE BYTE
7654
2
31
0
00000
010
SLICES ARE SHIFTTED LSB FIRST
~
~
~
~
~
~
~
~
4 CHARACTER CELLS
039
ONE
1K BYTE
BLOCK
Z block address
Character set base address
and
Character set number
MEMORY
0
8
9
31
Y
X
C6 C5 C4 C3 C2 C1 C0
NT
54
2
31
0
A CHARACTER SET LAYS IN ONE BLOCK
(up to 100 characters per set)
Slice number
(0 to 9)
4
4
3
3
2
2
1
1
0
0
SLICE
NUMBER
(0 to 4)
NT
TWO SLICES
ONE BYTE (repeated)
C6 C5 C4 C3 C2 C1 C0
k
Character code C byte
(0 to 3 ; 32 to 127)
5
5432
10
210
NT
NT*
X
+
NT* = 5k +NT
k = Subset index
A SPECIAL CASE : LOW RESOLUTION QUADRICHROME CELL (R = 1)
(up to 200 characters per set)
Figure 21 : Packing UDS Cells in Memory
EF9345
22/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com