Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 37 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics EF9345 Datasheet HTML 36Page - STMicroelectronics EF9345 Datasheet HTML 37Page - STMicroelectronics EF9345 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
EF9345
AD(0:7)
PORT C
AS
SC1
DS
E
R/W
SC2
CS
IOS
EF6801
Figure 39 : Interface with EF6801
RAM
2K x 8
ET2128
A0-A7
ADM(0:7)
OE
ASM
WE
AM(8:10)
OE
CS
WE
EF9345
74LS
373
D0-D7
A8-A10
Figure 40 : Minimum Application with 2K x 8
Memory
One page memory terminal in 16-bit fixed format or
24-bit compressed format.
RAM
8K x 8
A0-A7
ADM(0:7)
OE
ASM
WE
AM(8:12)
OE
CE
WE
EF9345
D0-D7
A8-A12
Figure 41 : Typical Application with 8K x 8 Dy-
namic or Pseudoi-static RAM
Multipage terminal with possibility of multiple user
definable character sets.
DRAM
16K x 4
A0-A7
ADM(0:7)
G
ASM
W
OE
CAS
WE
EF9345
D0-D3
AM(8:13)
DQ
CK
DQ
CK
RAS
CLK
12MHz CLOCK
D4-D7
Figure 42 : Maximum Application with 16K x 8
Memory
Multipage terminal with user definable character
sets and buffer areas.
EF9345
37/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com