Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF9345 Datasheet(PDF) 33 Page - STMicroelectronics

Part # EF9345
Description  HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF9345 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button EF9345 Datasheet HTML 29Page - STMicroelectronics EF9345 Datasheet HTML 30Page - STMicroelectronics EF9345 Datasheet HTML 31Page - STMicroelectronics EF9345 Datasheet HTML 32Page - STMicroelectronics EF9345 Datasheet HTML 33Page - STMicroelectronics EF9345 Datasheet HTML 34Page - STMicroelectronics EF9345 Datasheet HTML 35Page - STMicroelectronics EF9345 Datasheet HTML 36Page - STMicroelectronics EF9345 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
MICROPROCESSOR ACCESS COMMANDS
A microprocessor bus cycle may transfer one byte
from/to the microprocessor to/from a directly ad-
dressable register. These registers provide an in-
direct access :
- To/from 5 on-chip indirect registers : ROR, DOR,
MAT, PAT and TGS.
- To/from the private memory.
Due to address/datamultiplexing, a bus cycle is a
2 phase process (see Timing diagram 1 or Timing
diagram 2).
Address Phase
The falling edge of AS latches to AD(0:7) bus state
and CS signal into the temporary A address register
(Figure 36).
- A(0:2) = i :
This register index designates one out of 8 direct
access registers Ri.
- A3 = XQR :
This is the execution request bit.
- A(4:7) = ASN :
This is the Auto-Selection Nibble
- A8 = LCS :
This is the latched value of CS input pin.
EF9345 is selected when the following condition is
met : ASN = 2(Hexa) and LCS = 0.
Therefore, EF9345 is mapped in the hexadecimal
microprocessor addressing space form XX20 to
XX2F, where XX is up to the user. Xhen EF9345 is
not selected, its AD bus pins float and no register
can be modified.
R1
R2
R3
R4
R5
R6
R7
DATA
REGISTERS
AUXILIARY
POINTER
MAIN
POINTER
7
65432
10
765
43210
7
65432
10
CODE
PAR
D’
B’
X’
Y’
DY
BX
00
COMMAND
REGISTER
(write only)
STATUS
REGISTER
(read only)
V sync status
LX
a (X’ = 39)
LX
m (X = 39)
Alarm
Busy
R0
R1
7
Figure 36 : Direct Access Registers
87
65
432
10
ADDRESS
REGISTER
(temporary)
Index register
Execution request (XOR)
Auto select nibble
(compared to 0010)
LCS (latched CS)
Figure 35
EF9345
33/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com