Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 5Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 6Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 7Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 8Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 9Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 10Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 11Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 12Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Signal Description
1.4
Following abbreviations are used in “Type” column of following pin description tables. Note that some I/O pins with
multiple signal definitions on the same pin may have different attribute in “Type” column for different signal
definition.
AB
Analog Bi-directional I/O
O5
Output, 3.3V with 5V tolerant
AI
Analog Input
PU
Internal Pull-Up (75K)
AO
B3
Analog Output
Bi-directional I/O, 3.3V
PD
CU
Internal Pull-Down (75K)
Controllable internal Pull-Up
B5
Bi-directional I/O, 3.3V with 5V tolerant
P
S
Power and ground pin
Schmitt Trigger
I3
Input, 3.3V
T
Tri-state
I5
Input, 3.3V with 5V tolerant
4m
4mA driving strength
O3
Output, 3.3V
8m
8mA driving strength
For example, pin 5 in AX99100 package can be RXD1 or AD3. If RXD1 is selected, its Type is I5/PU; if AD3 is
selected, its Type is B5/4m. In other words, the PU (internal pull-up) only takes effect in RXD1 signal mode while
AD3 signal mode doesn’t. User should refer to the table specific to desired function for exact pin type definition.
The multi-function pin settings are configured by pin 54, 56 and 58 to decide the chip operating mode. Please
reference to Section 3 in detailed. The following abbreviations are used in pin description tables.
HWCFGEE
I
2C Hardware Configuration EEPROM
CHIP_MODE Chip Operating Mode, Setting by external pull the pin 54, 56 and 68
Table 1-1: Common Pin Description
Common Pins
Pin Name
Type
Pin No
Pin Description
TEST_MODE
I5/PD
28
Test Mode enable. For normal operation, please always tie to logic low or NC.
EXT_CLK
I5
25
External Clock Input from external Oscillator.
EXT_CLK_PDn B5
29
External Clock Power Down enable.
0: Power down external Oscillator.
1: Enable external Oscillator.
Note: When external Oscillator existed, this pin should be pull down by external
resistor for boot strapping latch. Otherwise, please pull-up by external
resistor to indicate NO external Oscillator existed.
SCL
O5/T/4
m
27
I
2C Serial Clock line for I2C master controller.
SCL is a tri-stateable output, which requires an external pull-up resistor.
SDA
B5/T/4
m
30
I
2C Serial Data line for I2C master controller.
SDA is a tri-stateable output, which requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com