Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 12Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 13Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 14Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 15Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 16Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 17Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 19Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
16
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.6
Parallel Port
Table 1-9: Parallel Port Pin Description
Parallel Port Interface
Pin Name
Type
Pin No
Pin Description
STROBEn
SPP:
O5/T/4m
Others:
O5/4m
42
Set active low by the host to transfer data into the input latch of the peripheral.
Data are valid while STROBEn is low.
The pin is open-drain when operation in SPP mode, otherwise, is direct drive
logic 0 or logic 1.
AUTOLFn
SPP:
O5/T/4m
Others:
O5/4m
41
The interpretation of this signal varies from peripheral to peripheral. Set low by
host to put some printers into auto-line feed mode
The pin is open-drain when operation in SPP mode, otherwise, is direct drive
logic 0 or logic 1.
INITn
SPP:
O5/T/4m
Others:
O5/4m
40
Pulsed low by the host in conjunction with IEEE 1284 Active low to reset the
interface and force a return to Compatibility Mode idle phase
The pin is open-drain when operation in SPP mode, otherwise, is direct drive
logic 0 or logic 1.
SELECTINn
SPP:
O5/T/4m
Others:
O5/4m
38
Set low by host to select peripheral
The pin is open-drain when operation in SPP mode, otherwise, is direct drive
logic 0 or logic 1.
PP_DIR
O5/4m
52
Parallel Port Data Transfer Direction Indications
ACKn
I5
34
Pulsed low by the peripheral to acknowledge transfer of a data byte from the host
BUSY
I5
33
Driven high by the peripheral to indicate that it is not ready to receive data
PAPEREND
I5
32
Driven high by the peripheral to indicate that is has encountered an error in its
paper path. The meaning of this signal varies from peripheral to peripheral.
Peripherals shall set FAULTn low whenever PAPEREND is set high
SELECT
I5
31
Set high to indicate that the peripheral is online
FAULTn
I5
51
Set low by the peripheral to indicate that an error has occurred. The meaning of
this signal varies from peripheral to peripheral
DATA[7:0]
B5/4m
43, 44,
45, 46,
47, 48,
49, 50
Driven by the host in Compatibility Mode and the negotiation phase, not used in
Nibble Mode, and bidirectional in all other modes
Note: Above signals are only valid when CHIP_MODE = 010 and 001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com