Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 53 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 53 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 49Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 50Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 51Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 52Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 57Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
53
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
PCIe Specifications
4.2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
UI
Unit Interval
Each UI is 400 ps +/-300 ppm. UI
does not account for SSC dictated
variations
399.88
400
400.12
ps
Input Levels
VRX-DIFF-PP Differential RX peak-peak
voltage
2*|VRX(DIP)-VRX(DIN)|, measured
at the connection of the near-end
receiver
175
-
1200
mV
VIDLE
Electrical idle detect threshold
Peak voltage
65
-
175
mV
VRX-CM-AC
RX AC common-mode voltage Peak voltage
-
-
150
mV
TRX-EYE
Minimum Receiver Eye Width
0.4
-
-
UI
RLRX-DIFF
Differential Return Loss
Measured over 50 MHz to 1.25
GHz.
10
-
-
dB
RLRX-cm
Common Mode Return Loss
Measured over 50 MHz to 1.25
GHz.
6
-
-
dB
Output Levels
VTX-DIFF-PP Differential TX peak-peak
voltage swing
2*|VTX(DOP)-VTX(DON)|, measured
at the connection of the near-end
transmitter
800
-
1200
mV
TTX-EYE
Transmitter eye, including all
jitter sources
SSC or Refclk jitter is not included
0.75
-
-
UI
VTX-IDLE-AC Electrical idle differential peak
output voltage
-
-
20
mV
VT-D-R
Amount of voltage change
allowed during the receiver
detection
The total amount of voltage
change during TX-Detect-RX
-
-
600
mV
VTX-CM-AC
TX AC common-mode voltage
Measured as the AC RMS value
-
-
20
mV
VTX-DEM-ratio TX de-emphasis level
Non-transient bits are driven out
with degrading amplitude
-3.0
-
-4.0
dB
FBEACON
A signal of wakeup mechanism Signal frequency
2.0
-
15
MHz
Resistance
RRX
Built-in receiver input
impedance
40
50
60
Ω
RTX
Built-in driver output impedance
40
50
60
Ω
Capacitance
CTX
AC coupling capacitor
75
-
200
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com