Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX99100QF Datasheet HTML 1Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 2Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 3Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 4Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 5Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 6Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 7Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 8Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
ASIX ELECTRONICS CORPORATION
Release Date: 06/06/2016
4F, NO.8, Hsin Ann Rd., HsinChu Science Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX99100
PCIe to Multi I/O Controller
Features
PCI Express
Single-lane (X1) PCI Express End-point
Controller with PHY integrated
Compliant with PCI Express 2.0 Gen 1
Compliant with PCI Express card specifications
Compliant with PCI Power Management 1.2
Supports four PCI Express functions
Supports both legacy and MSI Interrupts
Supports ASPM Power Management
Serial Port Interface
Dual or Quad UARTs
Supports RS-232/RS-422/RS-485
multiprotocol
Bi-directional speeds up to 25 Mbps per port
Full Serial Modem Control
Supports Hardware, Software Flow Control
Supports 5, 6, 7, 8 and 9-bit Serial format
Supports Even, Odd, None, Space and Mark
parity
Supports Custom baud rate by internal PLL or
external clock
Supports On Chip 256 Byte depth FIFOs in
Transmit, Receive path of each Serial Port
Supports remote wakeup and power
management features
Serial Port transceiver shutdown support
Supports Slow IrDA mode (up to 115200bps)
on all Serial Ports
Supports multi-drop application for 9-bit mode
Supports DMA burst transfer
Parallel Port
Compatible with IEEE 1284 – SPP/Byte/ECP
Mode
SPI Master Interface
Programmable SPI clock frequency up to 42MHz
Supports Mode 0, Mode 1, Mode 2 and Mode 3
timing modes
Supports MSB/LSB first transfer fashion
Programmable peripheral chip select, selecting up
to 7 SPI devices
Supports Non-Burst-Type transfer up to 8 bytes
and/or Burst-Type transfer via DMA mode for
high performance
Supports to fragment large data block into several
smaller transfers on SPI bus to reduce software
loading
Supports programmable transfer 0 ~ 8 bytes
OP-Code field in each transfer automatically to
reduce software loading
Supports wakeup by SWAKEn pin from Slave
Local Bus Interface
Supports memory or I/O access through PCIe
BAR0/1 to local bus interface, each BAR
mapping to local bus' chip select (CS0n and
CS1n)
Supports direct access and bus master access
(auto-increment and fixed address)
Supports 8-bit or 16-bit data bus width (little
and big endian bus swap)
Supports up to 2 Kbytes address space and 2
chip select outputs when separated address/data
bus style
Supports up to 64 Kbytes address space and 2
chip select outputs when multiplexed
address/data bus style
Supports programmable local chip select region
Supports “Slave Request based DMA” access
for interfacing with external device with bus
master
Supports clock out, CLKO, up to 62.5MHz
Supports asynchronous or synchronous Local
Bus with required clock output, CLKO
Supports programmable bus access cycles,
self-terminated bus access cycles and
back-to-back turnaround cycles
Supports programmable RSTO, ALE, RDY,
DREQ0/1, DACK0/1, CLKO polarity, and
INT0/1 level/edge trigger
Supports wakeup by INT0/1 and DREQ0/1 pins
Supports I
2C Master Interface
Up to 24 bi-directional GPIO lines including 8
dedicated GPIO and 16 multi-function GPIO
Integrates on-chip power-on reset circuit
On Chip 3.3 to 1.2V Regulator
68-pin QFN RoHS compliant package
Operating temperature range: 0 to 70°C or -40 to
+85°C
Document No: AX99100/V0.24/06/06/16


Similar Part No. - AX99100QF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AX9902MS ANACHIP-AX9902MS Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
AX9902MSA ANACHIP-AX9902MSA Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
More results

Similar Description - AX99100QF

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C452 UMC-UM82C452 Datasheet
1Mb / 24P
SINGLE CHIP MULTI - I/O
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
Super I/O Controller
2nd Apr 97
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
USB I/O Controller
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
I/O Controller Hub
logo
Texas Instruments
TFB2002B TI1-TFB2002B Datasheet
198Kb / 13P
FUTUREBUS I/O CONTROLLER
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
Indusrial I/O Controller
logo
Advantech Co., Ltd.
PCM-28P1AD ADVANTECH-PCM-28P1AD Datasheet
338Kb / 1P
PCIe to mPCIe, 2-Slots mPCIe, iDoor I/O plate expansion iDoor PCIe I/O Plate
20-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com