Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 14Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 15Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 16Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 17Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 19Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 20Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 21Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
18
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.8
Local Bus Interface
Table 1-11: Local Bus Pin Description
Local Bus Interface
Pin Name
Type
Pin No
Pin Description
A0/ CHIP_MODE[2]
O5/4m
58
Local Bus Address Bus, A[2:0]
These pins are input direction during chip reset use to bootstrap the mode setting
to decide the operation mode. Please reference to Section 3.1.
In Local Bus mode, These pins should always use external pull-down resistors to
ground.
A1/ CHIP_MODE[1]
O5/4m
56
A2/ CHIP_MODE[0]
O5/4m
54
A3
O5/4m
53
Local Bus Address Bus, A[3]
This pin should be connected to the 3.3V AUX in PCIe slot via an external
pull-up resistor. It is used to detect the 3.3V AUX is existed or not.
A[9:4]
O5/4m
60, 59,
47, 48,
49, 50
Local Bus Address Bus, A[9:4]
The A[9:0] are outputs and provide up to 10 Local Bus address lines in
non-multiplexed address and data bus format
AD[15:0]
B5/4m
61, 62,
63, 64,
65, 66,
67, 68,
1, 2,
4, 3,
5, 7,
8, 9
Data and Address bus
Multiplexed mode: address on bus when ALE issued, other time data on bus
Non-multiplexed mode: data always on bus
RSTO
B5/4m
52
Local Bus Reset Output
The output polarity can be decided by adding external pull up/down resistor. If
connected this pin to VCCIO via external pull-up resistor, means RSTO is active
high. If pull-down to ground, means active low.
CLKO
B5/8m
51
Local Bus Clock Output
CS1n
CS0n
O5/4m
41
42
Local Bus Chip Select 1
Local Bus Chip Select 0
DREQ[1:0]
I5
44, 46
DMA Request
DACK[1:0]
O5/4m
43, 45
DMA Acknowledge
INT[1:0]
I5
31, 32
Interrupt
ALE
O5/4m
40
Address Latch Enable
When in non-multiplexed mode, ALE can choice remap to A[10] (detail
description same as above A[9:0]) or address latch enable for ISA bus type
When in multiplexed mode, ALE for address latch enable
RDn
O5/4m
38
Local Bus Read Cycle
WRn
O5/4m
34
Local Bus Write Cycle
RDY
I5
33
Local Bus Device Ready
Note: Above signals are only valid when CHIP_MODE = 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com