Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 30Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 31Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 32Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 33Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 34Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 35Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 36Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 37Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
34
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
3.3.2
Configuration EEPROM Memory Map for Local Bus Interface
Table 3-5: Configuration EEPROM Memory Map for Local Bus
EEPROM Offset
Parameter
0x00
Divide Clock Selection
0x01
Clock Divider
0x03~0x02
Vendor ID_F0
0x05~0x04
Device ID_F0
0x06
Revision ID
0x07
Programming IF_F0
0x08
Sub-Class Code_F0
0x09
Base Class Code_F0
0x0B~0x0A
Subsystem Vendor ID_F0
0x0D~0x0C
Subsystem Device ID_F0
0x0F~0x0E
Power Management Capabilities_F0
0x17~0x10
Reserved
0x19~0x18
Local Bus Interrupt Enable/Miscellaneous Setting
0x1B~0x1A
PCIe BAR0 Range
0x1D~0x1C
PCIe BAR1 Range
0x1F~0x1E
Reserved
0x21~0x20
Local Address Space 0 Setting
0x25~0x22
Local Address Space 0 Timing Setting
0x29~0x26
Local Address Space 0 Address Setting
0x2B~0x2A
Local Address Space 1 Setting
0x2F~0x2C
Local Address Space 1 Timing Setting
0x33~0x30
Local Address Space 1 Address Setting
0x54~0x34
INT Mask
0x55
Port Disable Register
0x56
Global Setting
0x5A~0x57
Reserved
0x5B
Check-Sum
0x7F ~ 0x5C
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com